Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419BB17ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6419BB17ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419BB17ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6419BB17ML Datasheet HTML 7Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 8Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 9Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 10Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 11Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 12Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 13Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 14Page - Torex Semiconductor XC6419BB17ML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/29
XC6419
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
* EN Voltage condition: Unless otherwise stated, VEN=VIN while the other channel is turned off ((VEN=VSS).
(1) 出力電圧-出力電流特性例
XC6419(VOUT1=0.8V) VR1
0.0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
OutputCurrent : IOUT1 (mA)
VIN=1.6V
VIN=1.8V
VIN=2.3V
Ta=25℃, CIN=1.0μF(ceramic), CL1=2.2μF(ceramic)
XC6419(VOUT2=0.8V) VR2
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100 125 150 175 200
OutputCurrent : IOUT2 (mA)
VIN=1.6V
VIN=1.8V
VIN=2.3V
Ta=25℃, CIN=1.0μF(ceramic), CL2=2.2μF(ceramic)
XC6419(VOUT1=1.5V) VR1
0
0.3
0.6
0.9
1.2
1.5
1.8
0
100
200
300
400
500
OutputCurrent : IOUT1 (mA)
VIN=1.6V
VIN=1.8V
VIN=2.0V
VIN=2.5V
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
0
0.3
0.6
0.9
1.2
1.5
1.8
0
25
50
75
100 125 150 175 200
OutputCurrent : IOUT2 (mA)
VIN=1.6V
VIN=1.8V
VIN=2.0V
VIN=2.5V
Ta=25℃, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
100
200
300
400
500
OutputCurrent : IOUT1 (mA)
VIN=2.9V
VIN=3.1V
VIN=3.3V
VIN=3.8V
VIN=6.0V
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
25
50
75
100 125 150 175 200
OutputCurrent : IOUT2 (mA)
VIN=2.9V
VIN=3.1V
VIN=3.3V
VIN=3.8V
VIN=6.0V
Ta=25℃, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
(1) Output Voltage vs. Output Current


Similar Part No. - XC6419BB17ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419BB01ER TOREX-XC6419BB01ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419BB01ER-G TOREX-XC6419BB01ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419BB01MR TOREX-XC6419BB01MR Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419BB08ER TOREX-XC6419BB08ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419BB08ER-G TOREX-XC6419BB08ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
More results

Similar Description - XC6419BB17ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com