Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELN-60-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-60-48
Description  60W Single Output Class 2 Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-60-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  ELN-60-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-60-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-60-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELN-60-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELN-60-24
+V(Red)
24V,2.5A
24V,2.5A
24V,2.5A
24V,2.5A
-V(Black)
ELN-60-24
+V(Red)
-V(Black)
1to6LEDs//4strips
1to6LEDs//8 strips
ThisconfigurationisbasedonLEDwiththefollowingparameters:
ThisconfigurationisbasedonLEDwiththefollowingparameters:
VF=3.0~3.5V
VF=3.0~3.5V
I =
F
600~700mA
I =3
F
00~350mA
R
R
R
R
6LEDs//1to4 strips
6LEDs//1to8 strips
ThisconfigurationisbasedonLEDwiththefollowingparameters:
ThisconfigurationisbasedonLEDwiththefollowingparameters:
VF=3.0~3.5V
VF=3.0~3.5V
IF=600~700mA
IF=300~350mA
R=10ohm,10W
R=20ohm,3W
LED
LED
LED
Recommend ApplicationDeployment(24V)
ELN-60-24
+V(Red)
-V(Black)
ELN-60-24
+V(Red)
-V(Black)
R
R
R
R
R
R
R
R
LED
E L N - 6 0 series
FileName:ELN-60-SPEC2008-06-16
60WSingleOutputClass2SwitchingPowerSupply


Similar Part No. - ELN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60-48 MEANWELL-ELN-60-48 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48 MEANWELL-ELN-60-48 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
More results

Similar Description - ELN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com