Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761ES5-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1761ES5-2
Description  100mA, Low Noise,LDO Micropower Regulators in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761ES5-2 Datasheet(HTML) 3 Page - Linear Technology

  LT1761ES5-2 Datasheet HTML 1Page - Linear Technology LT1761ES5-2 Datasheet HTML 2Page - Linear Technology LT1761ES5-2 Datasheet HTML 3Page - Linear Technology LT1761ES5-2 Datasheet HTML 4Page - Linear Technology LT1761ES5-2 Datasheet HTML 5Page - Linear Technology LT1761ES5-2 Datasheet HTML 6Page - Linear Technology LT1761ES5-2 Datasheet HTML 7Page - Linear Technology LT1761ES5-2 Datasheet HTML 8Page - Linear Technology LT1761ES5-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1761 Series
1761sfc
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11) ILOAD = 100mA
1.8
2.3
V
Regulated Output Voltage
LT1761-1.2
VIN = 2V, ILOAD = 1mA
1.185
1.2
1.215
V
(Note 4)
2.3V < VIN < 20V, 1mA < ILOAD < 50mA
1.170
1.2
1.230
V
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
1.150
1.2
1.240
V
LT1761-1.5
VIN = 2V, ILOAD = 1mA
1.478
1.5
1.522
V
2.5V < VIN < 20V, 1mA < ILOAD < 50mA
1.457
1.5
1.538
V
2.5V < VIN < 20V, 1mA < ILOAD < 50mA
1.436
1.5
1.555
V
LT1761-1.8
VIN = 2.3V, ILOAD = 1mA
1.775
1.8
1.825
V
2.8V < VIN < 20V, 1mA < ILOAD < 50mA
1.750
1.8
1.845
V
2.8V < VIN < 20V, 1mA < ILOAD < 100mA
1.725
1.8
1.860
V
LT1761-2
VIN = 2.5V, ILOAD = 1mA
1.970
2
2.030
V
3V < VIN < 20V, 1mA < ILOAD < 50mA
1.945
2
2.045
V
3V < VIN < 20V, 1mA < ILOAD < 100mA
1.920
2
2.060
V
LT1761-2.5
VIN = 3V, ILOAD = 1mA
2.465
2.5
2.535
V
3.5V < VIN < 20V, 1mA < ILOAD < 50mA
2.435
2.5
2.565
V
3.5V < VIN < 20V, 1mA < ILOAD < 100mA
2.415
2.5
2.575
V
LT1761-2.8
VIN = 3.3V, ILOAD = 1mA
2.762
2.8
2.838
V
3.8V < VIN < 20V, 1mA < ILOAD < 50mA
2.732
2.8
2.868
V
3.8V < VIN < 20V, 1mA < ILOAD < 100mA
2.706
2.8
2.884
V
LT1761-3
VIN = 3.5V, ILOAD = 1mA
2.960
3
3.040
V
4V < VIN < 20V, 1mA < ILOAD < 50mA
2.930
3
3.070
V
4V < VIN < 20V, 1mA < ILOAD < 100mA
2.900
3
3.090
V
LT1761-3.3
VIN = 3.8V, ILOAD = 1mA
3.250
3.3
3.350
V
4.3V < VIN < 20V, 1mA < ILOAD < 50mA
3.230
3.3
3.370
V
4.3V < VIN < 20V, 1mA < ILOAD < 100mA
3.190
3.3
3.400
V
LT1761-5
VIN = 5.5V, ILOAD = 1mA
4.935
5
5.065
V
6V < VIN < 20V, 1mA < ILOAD < 50mA
4.900
5
5.100
V
6V < VIN < 20V, 1mA < ILOAD < 100mA
4.850
5
5.120
V
ADJ Pin Voltage
LT1761
VIN = 2V, ILOAD = 1mA
1.205
1.220
1.235
V
(Note 3, 4)
2.3V < VIN < 20V, 1mA < ILOAD < 50mA
1.190
1.220
1.250
V
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
1.170
1.220
1.260
V
Line Regulation
LT1761-1.2
ΔVIN = 2V to 20V, ILOAD = 1mA
110
mV
LT1761-1.5
ΔVIN = 2V to 20V, ILOAD = 1mA
110
mV
LT1761-1.8
ΔVIN = 2.3V to 20V, ILOAD = 1mA
110
mV
LT1761-2
ΔVIN = 2.5V to 20V, ILOAD = 1mA
110
mV
LT1761-2.5
ΔVIN = 3V to 20V, ILOAD = 1mA
110
mV
LT1761-2.8
ΔVIN = 3.3V to 20V, ILOAD = 1mA
110
mV
LT1761-3
ΔVIN = 3.5V to 20V, ILOAD = 1mA
110
mV
LT1761-3.3
ΔVIN = 3.8V to 20V, ILOAD = 1mA
110
mV
LT1761-5
ΔVIN = 5.5V to 20V, ILOAD = 1mA
110
mV
LT1761 (Note 3)
ΔVIN = 2V to 20V, ILOAD = 1mA
110
mV
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1761ES5-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-2 LINER-LT1761ES5-2 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761ES5-2 LINER-LT1761ES5-2 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-2 LINEAR_DIMENSIONS-LT1761ES5-2 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761ES5-2-PBF LINER-LT1761ES5-2-PBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-2-TR LINER-LT1761ES5-2-TR Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761ES5-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com