Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP1DMS Datasheet(PDF) 1 Page - MTRONPTI

Part # PP1DMS
Description  Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PP1DMS Datasheet(HTML) 1 Page - MTRONPTI

  PP1DMS Datasheet HTML 1Page - MTRONPTI PP1DMS Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
PP & PR Surface Mount Crystals
3.5 x 6.0 x 1.2 mm
A = Available
N = Not Available
Available Stabilities vs. Temperature
Revision: 7-29-08
Miniature low profile package (2 & 4 Pad)
RoHS Compliant
Wide frequency range
PCMCIA - high density PCB assemblies
PR (2 Pad)
PP (4 Pad)


Similar Part No. - PP1DMS

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PP1DMS MTRONPTI-PP1DMS Datasheet
257Kb / 2P
   Surface Mount Crystals
More results

Similar Description - PP1DMS

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
SX2060 MTRONPTI-SX2060 Datasheet
237Kb / 1P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
SX2060 MTRONPTI-SX2060_07 Datasheet
252Kb / 2P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
   SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
   3.5 x 6.0 mm Ceramic - SM Crystal
logo
SunLED Corporation
XZFBBM2ACRDG92W-3 SUNLED-XZFBBM2ACRDG92W-3 Datasheet
285Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021
XZFBBM2ACRTHI92W-3 SUNLED-XZFBBM2ACRTHI92W-3 Datasheet
339Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022
XZM2CRKCYKFBB92W-3 SUNLED-XZM2CRKCYKFBB92W-3 Datasheet
295Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com