Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEQ Datasheet(PDF) 5 Page - Linear Technology

Part # LT1764AEQ
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEQ Datasheet(HTML) 5 Page - Linear Technology

  LT1764AEQ Datasheet HTML 1Page - Linear Technology LT1764AEQ Datasheet HTML 2Page - Linear Technology LT1764AEQ Datasheet HTML 3Page - Linear Technology LT1764AEQ Datasheet HTML 4Page - Linear Technology LT1764AEQ Datasheet HTML 5Page - Linear Technology LT1764AEQ Datasheet HTML 6Page - Linear Technology LT1764AEQ Datasheet HTML 7Page - Linear Technology LT1764AEQ Datasheet HTML 8Page - Linear Technology LT1764AEQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1764A Series
1764afb
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
LT1764A-1.8 Output Voltage
TEMPERATURE (
°C)
–50
0.8
1.0
1.4
25
75
1764 G04
0.6
0.4
–25
0
50
100
125
0.2
0
1.2
LT1764A-1.5/1.8/2.5/3.3
LT1764A
VIN = 6V
RL =
IL = 0
VSHDN = VIN
TEMPERATURE (
°C)
–50
25
1756 G05
–25
0
50
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
75
100
125
IL = 1mA
LT1764A-3.3 Output Voltage
LT1764A ADJ Pin Voltage
LT1764A-1.8 Quiescent Current
TEMPERATURE (
°C)
–50
25
1756 G07
–25
0
50
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
75
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
25
1756 G08
–25
0
50
1.230
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
75
100
125
IL = 1mA
INPUT VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
8
1764 G09
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
LT1764A-2.5 Quiescent Current
INPUT VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
8
1764 G10
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
TEMPERATURE (
°C)
–50
1.53
25
1764A G40
1.50
1.48
–25
0
50
1.47
1.46
1.54
1.52
1.51
1.49
75
100
125
IL = 1mA
LT1764A-2.5 Output Voltage
TEMPERATURE (
°C)
–50
25
1756 G06
–25
0
50
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
75
100
125
IL = 1mA
LT1764A-1.5 Output Voltage
LT1764A-1.5 Quiescent Current
INPUT VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
8
1764 G41
246
10
7
135
9
TJ = 25°C
RL = ∞
VSHDN = VIN


Similar Part No. - LT1764AEQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEQ LINER-LT1764AEQ Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEQ-1.5 LINER-LT1764AEQ-1.5 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEQ-1.8 LINER-LT1764AEQ-1.8 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEQ-2.5 LINER-LT1764AEQ-2.5 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
More results

Similar Description - LT1764AEQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com