Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS25E Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS25E
Description  20~25WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS25E Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS25E Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS25E Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NAMEPLATE
POWERLED
70 10mm
11 0.5mm
MechanicalSpecification
DeratingCurve
FileName:GS25E-SPEC 2008-05-08
Unit:mm
UL118516AWG1230 50mmfor5V
UL118518AWG1830 50mmfor7.5~48V
Ta(
)
0
10
20
30
40
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
Plug Assignment
Standardplug:P1J(option)
33
79
G S 2 5 E series
50
ID2.1xOD5.5
C"+"
20~25W AC-DCSingleOutputWall-mountedtype
P/N
OUTPUT
P1J
CENTER
+


Similar Part No. - GS25E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS25E MEANWELL-GS25E Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E05 MEANWELL-GS25E05 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E05-P1J MEANWELL-GS25E05-P1J Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E07 MEANWELL-GS25E07 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E07-P1J MEANWELL-GS25E07-P1J Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS25E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25U MEANWELL-ES25U Datasheet
166Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U_11 Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A_12 Datasheet
194Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B Datasheet
122Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
   20~25WAC-DC Single Output Desktop
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com