Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF513 Datasheet(PDF) 1 Page - Supertex, Inc

Part # IRF513
Description  N-Channel Enhancement-Mode Vertical DMOS Power FETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

IRF513 Datasheet(HTML) 1 Page - Supertex, Inc

  IRF513 Datasheet HTML 1Page - Supertex, Inc IRF513 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRF513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF513 FAIRCHILD-IRF513 Datasheet
151Kb / 5P
   N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Harris Corporation
IRF513 HARRIS-IRF513 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF513 ISC-IRF513 Datasheet
45Kb / 2P
   isc N-Channel Mosfet Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF513 ARTSCHIP-IRF513 Datasheet
374Kb / 5P
   N-Channel Power Mosfets
logo
List of Unclassifed Man...
IRF513 ETC2-IRF513 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - IRF513

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN03F SUTEX-VN03F Datasheet
134Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN12A SUTEX-VN12A Datasheet
140Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN13C SUTEX-VN13C Datasheet
139Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs????
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
   N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
IRF531 SUTEX-IRF531 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN02A SUTEX-VN02A Datasheet
144Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN02C SUTEX-VN02C Datasheet
141Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN1206D SUTEX-VN1206D Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN0300D SUTEX-VN0300D Datasheet
65Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN11C SUTEX-VN11C Datasheet
136Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com