Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PH12UB Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 2PH12UB
Description  2.00mm PIN HEADERS .079 [2.00] CENTERLINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

2PH12UB Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  2PH12UB Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
246
INTRODUCTION
Adam Tech 2PH & D2PH Series 2.0mm Pin Headers offer a full
range of fine pitched headers in a variety of configurations including
Single, Dual and Three rows, Straight & Right Angle in Thru-Hole or
SMT mounting. Their close tolerance .020" sq. posts are smoothly
finished and taper tipped to eliminate insertion damage to the PCB or
mating connector. Adam Tech 2.0mm Pin Headers can be easily cut
into exact sizes as required. Options include stacked insulator
versions and choice of tin, gold or selective gold plating. This series
is compatible with all industry standard 2.0mm pitch mating
connectors.
FEATURES:
Single, Dual or Three Row
Tin, gold or selective gold plating options
Thru-hole or SMT mounting
Stacked and Custom length versions available
Versatile Breakaway design
Hi Temp Insulator available
MATING RECEPTACLES:
Mates with all industry standard .050" pitch female headers
SPECIFICATIONS:
Material:
Standard insulator: PBT, glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Brass
Plating:
U = Gold flash (30u” optional) over nickel underplate overall
SG = Gold flash (30u” optional) over nickel underplate on
contact area, tin over copper underplate on tails.
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Mating durability: 1,000 cycles
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature: 260°C
PACKAGING:
Anti-ESD plastic bags
(Tape and Reel available for SMT option)
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
2.00mm PIN HEADERS
.079" [2.00] CENTERLINE
2PH SERIES
2PH1
U
A
SERIES INDICATOR
2PH1 = 2.00mm Single
Row Straight
Pin Header
2PH2 = 2.00mm Dual
Row Straight
Pin Header
2PH1R = 2.00mm Single
Row Right
Angle Pin
Header
2PH2R = 2.00mm Dual
Row Right
Angle
Pin Header
POSITIONS
Single row: 1 thru 40
Dual row: 2 thru 80
POSITIONS
Single row: 2 thru 40
Dual row: 4 thru 80
PIN LENGTH
A = Standard
length
B = Special
length,
customer
specified
defined as:
tail dim/total
length
ORDERING INFORMATION
D2PH
1
40
SG
NO. OF ROWS
1 = Single row
2 = Dual row
PLATING
U = Gold plated
T = Tin plated
SG = Selective
gold plating
in contact
area tin
plating on
solder tails
STACKING DIMENSIONS
Specified In Inches As:
“C” Dim. / “D” Dim. / “E” Dim.
Replace “D” Dim. with “SMT”
for Surface Mount Option
.xxx"/.xxx"/.xxx
“C” DIM.
“D” DIM.
“E” DIM.
ORDERING INFORMATION
DUAL INSULATOR HEADERS
PLATING
U = Gold plated
T = Tin plated
SG = Selective gold
plating in contact
area, tin plating
on solder tails
SERIES
INDICATOR
D2PH = 2mm Dual
Insulator
Pin Header
40
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E
OPTIONS: Add designator(s) to end of part number
SMT = Surface Mount leads Dual Row
SMT-A = Surface Mount leads Type A
SMT-B = Surface Mount Leads Type B
HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260°C
(Add this option for thru-hole products only. All SMT products are manufactured with Hi-Temp insulators)
L = Low profile 1.5mm insulator thickness
P = Locating pegs
BR = Board retention sold


Similar Part No. - 2PH12UB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2PH1-04-T-087-433-PP-L ADAM-TECH-2PH1-04-T-087-433-PP-L Datasheet
81Kb / 1P
   SINGLE ROW PIN HEADER
2PH1-04-T-087-433-PP-L-2 ADAM-TECH-2PH1-04-T-087-433-PP-L-2 Datasheet
72Kb / 1P
   SINGLE ROW PIN HEADER
2PH1-04-T-SMT-A-126-PP-TR ADAM-TECH-2PH1-04-T-SMT-A-126-PP-TR Datasheet
79Kb / 1P
   SINGLE ROW HEADER
2PH1-05-SGA-X02-30 ADAM-TECH-2PH1-05-SGA-X02-30 Datasheet
77Kb / 1P
   SINGLE ROW PIN HEADER
2PH1-XX-SG-18-323-30 ADAM-TECH-2PH1-XX-SG-18-323-30 Datasheet
81Kb / 1P
   SINGLE ROW PIN HEADER
More results

Similar Description - 2PH12UB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2BHR20VUA ADAM-TECH-2BHR20VUA Datasheet
128Kb / 1P
   2.00mm BOX HEADERS .079 [2.00] CENTERLINE
2BHR-14-VUA ADAM-TECH-2BHR-14-VUA Datasheet
124Kb / 1P
   2.00mm BOX HEADERS .079 [2.00] CENTERLINE
D2PH-1-12-U-100 ADAM-TECH-D2PH-1-12-U-100 Datasheet
163Kb / 1P
   2.00mm HEADERS & SHUNTS .079 [2.00] CENTERLINE
2RS140G ADAM-TECH-2RS140G Datasheet
142Kb / 1P
   2.00mm RECEPTACLE STRIPS .079 [2.00] CENTERLINE
2RS1-15-G ADAM-TECH-2RS1-15-G Datasheet
118Kb / 1P
   2.00mm RECEPTACLE STRIPS .169 & .193 HEIGHT .079 [2.00] CENTERLINE
2RS1R-14-G ADAM-TECH-2RS1R-14-G Datasheet
139Kb / 1P
   2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2RS1H-16-G ADAM-TECH-2RS1H-16-G Datasheet
128Kb / 1P
   2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
HPH2-A ADAM-TECH-HPH2-A Datasheet
173Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
HPH1-A ADAM-TECH-HPH1-A Datasheet
211Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2B100SGA ADAM-TECH-HPH2B100SGA Datasheet
164Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com