Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASJ-18 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # ASJ-18
Description  3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ASJ-18 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  ASJ-18 Datasheet HTML 1Page - Adam Technologies, Inc. ASJ-18 Datasheet HTML 2Page - Adam Technologies, Inc. ASJ-18 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
205
ø.142
[3.60]
.118 [3.00]
.236
[6.00]
.118 [3.00]
.453
[11.50]
.402
[10.20]
.204
[5.20]
.208
[5.30]
.693 [17.60]
.138
[3.50]
ø.236
[6.00]
.197
[5.00]
.210
[5.30]
.531 [13.50]
.362
[9.20]
ø.236
[6.00]
.126 [3.20]
.276
[7.00]
.209
[5.30]
.193
[4.90]
ø.142
[ø3.60]
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
.137 [3.50]
.354
[9.00]
.394
[10.00]
.472 [12.00]
.197
[5.00]
.157
[4.00]
.551
[14.00]
.551 [14.00]
ø.236
[6.00]
ø.142
[3.60]
RECOMMENDED PCB LAYOUT
ø.142
[3.60]
ø.075
[1.90]
.456 [11.60]
.317 [8.05]
.096 [2.45]
.045
[1.15]
.242 [6.15]
.047
[1.20]
.118
[3.00]
.197
[5.00]
.275
[7.00]
ø.275
[7.00]
.276
[7.00]
.394
[10.00]
.157 [4.00]
.315 [8.00]
.118
[3.00]
ø.059
[1.50]
POSTS
.472
[12.00]
.059
[1.50]
.138
[3.50]
.453
[11.50]
.197
[5.00]
.394
[10.00]
ø.051
[1.30]
ø.051 [ø1.30] (5X)
.033
[0.85]
.453
[11.50]
RECOMENDED PCB LAYOUT
.118
[3.00]
ø.059
[1.50]
3 PLCS
.453 [11.50]
.256 [6.50]
.157 [4.00]
.256
[6.50]
.157
[4.00]
ø.051 [1.30]
.098
[2.50]
.378
[9.60]
.201 [5.10]
.177 [4.50]
1
3
11
10
2
1
10
2
3
1
2
3
11
1
2
1
2
3
1
10
2
SCHEMATIC
CONTACT FORM
FORM 2
FORM 3
FORM 3A
FORM 4A
FORM 4B
FORM 5
ASJ-1
ASJ-5
ASJ-6
M6 THREAD
OPTIONAL
M6 THREAD
OPTIONAL
CLEAR
TOP
.020
[0.50]
.650 [16.51]
.476
[12.10]
.031 X .071
[0.80 X 1.80]
.197
[5.00]
.197
[5.00]
3.5mm AUDIO JACKS
STEREO & MONO EARPHONE JACKS
ASJ SERIES
ASJ-1
ASJ-5
ASJ-37
ASJ-6
Recommended PCB Layout
Recommended PCB Layout
Recommended PCB Layout
Recommended PCB Layout
Contact Form
Form 2
Form 3
Form 3A
Form 4A
Form 4B
Form 5
Schematic
ASJ-1-3
ASJ-5-4A
ASJ-37-5-M
ASJ-6-5


Similar Part No. - ASJ-18

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ-1-X ADAM-TECH-ASJ-1-X Datasheet
85Kb / 1P
   STEREO PHONE JACK
ASJ-100-X-PBM ADAM-TECH-ASJ-100-X-PBM Datasheet
86Kb / 1P
   STEREO PHONE JACK
ASJ-100-X-PBM-HT ADAM-TECH-ASJ-100-X-PBM-HT Datasheet
81Kb / 1P
   STEREO PHONE JACK
ASJ-100-X-PBP ADAM-TECH-ASJ-100-X-PBP Datasheet
84Kb / 1P
   STEREO PHONE JACK
ASJ-103-X ADAM-TECH-ASJ-103-X Datasheet
94Kb / 1P
   909 Rahway Avenue
More results

Similar Description - ASJ-18

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ13 ADAM-TECH-ASJ13 Datasheet
156Kb / 1P
   2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
   SMT Earphone Jacks (∅2.5mm)
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
   TH Earphone Jacks (∅2.5mm)
logo
Maxim Integrated Produc...
MAX4940EVKIT MAXIM-MAX4940EVKIT Datasheet
1Mb / 18P
   3.5mm Scope Probe Jacks
Rev 0; 11/09
logo
Kycon, Inc.
STX-353K7A KYCON-STX-353K7A Datasheet
470Kb / 1P
   3.5mm, Audio Jacks, Through Hole, Vertical High-Temp
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3100-3NB ETC2-STX-3100-3NB Datasheet
1,004Kb / 2P
   AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com