Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW93 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # BDW93
Description  POWER TRANSISTORS(12A,45-100V,80W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BDW93 Datasheet(HTML) 3 Page - Mospec Semiconductor

  BDW93 Datasheet HTML 1Page - Mospec Semiconductor BDW93 Datasheet HTML 2Page - Mospec Semiconductor BDW93 Datasheet HTML 3Page - Mospec Semiconductor BDW93 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - BDW93

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW93 POINN-BDW93 Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW93 BOURNS-BDW93 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW93 SAVANTIC-BDW93 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW93 ISC-BDW93 Datasheet
263Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BDW93

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
   POWER TRANSISTORS(5A,80W)
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
   POWER TRANSISTORS(10A,80W)
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
   POWER TRANSISTORS(10A,200V,80W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
   POWER TRANSISTORS(3.5A,1500V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
   POWER TRANSISTORS(8A,120V,80W)
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
   140V / 12A, AF 80W Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com