Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0604 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN0604
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0604 Datasheet(HTML) 4 Page - Supertex, Inc

  TN0604 Datasheet HTML 1Page - Supertex, Inc TN0604 Datasheet HTML 2Page - Supertex, Inc TN0604 Datasheet HTML 3Page - Supertex, Inc TN0604 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06/02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Typical Performance Curves
TN0604
Gate Drive Dynamic Characteristics
10
8
6
4
2
0
1.0
2.0
3.0
5.0
4.0
170 pF
1.4
1.2
1.0
0.8
0.6
-50
0
50
100
150
1.4
0.8
1.2
0.6
1.0
On-Resistance vs. Drain Current
2.0
0
10.0
1.1
1.0
0.9
-50
0
50
100
150
Transfer Characteristics
10
4
02
4
6
10
8
2
6
8
VDS = 25V
T
= -55
A
C
°
T
= 125
C
°
Capacitance vs. Drain-to-Source Voltage
200
150
100
50
010
203040
f = 1MHz
COSS
CRSS
170 pF
5.0
1.0
T
= 25
A
C
°
A
0
V(th) @ 1mA
R
@ 10V, 1.5A
DS
0
0
0
C ISS
Tj (°C)
Tj (°C)
ID (amperes)
BVDSS Variation with Temperature
VGS = 10V
VGS = 5V
V(th) and RDS Variation with Temperature
VGS (volts)
QG (nanocoulombs)
VDS (volts)
VDS = 10V
VDS = 40V


Similar Part No. - TN0604

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN0604 SUTEX-TN0604 Datasheet
732Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3 SUTEX-TN0604N3 Datasheet
33Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0604N3-G SUTEX-TN0604N3-G Datasheet
732Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3-G SUTEX-TN0604N3-G Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3-GP002 SUTEX-TN0604N3-GP002 Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN0604

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com