Electronic Components Datasheet Search |
|
XC6501P31AMR Datasheet(PDF) 3 Page - Torex Semiconductor |
|
XC6501P31AMR Datasheet(HTML) 3 Page - Torex Semiconductor |
3 / 21 page 3/21 XC6501 Series ■BLOCK DIAGRAMS *図のダイオードは、静電保護用のダイオードと寄生ダイオードです。 ■ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN VSS-0.3~+6.5 V Output Current IOUT 400 (*1) mA Output Voltage VOUT VSS-0.3~VIN+0.3 V CE Input Voltage VCE VSS-0.3~+6.5 V USP-3 120 USP-4 120 SSOT-24 150 250 mW Power Dissipation SOT-25 Pd 600 (PCB mounted)(*2) Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ *Diodes inside the circuit are an ESD protection diode and a parasitic diode. *1: Pd>(VIN-VOUT)×IOUT *2: The power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 20 for details. ON/OFF Control + - Error Amp Voltage Reference each circuit Current Limit R1 R2 /CE Rdischg CFB XC6501B Series VIN CE VSS VOUT ON/OFF Control + - Error Amp Voltage Reference each circuit Current Limit R1 R2 CFB XC6501A Series VIN CE VSS VOUT ON/OFF Control + - Error Amp Voltage Reference each circuit Current Limit R1 R2 CFB XC6501C Series VIN CE VSS VOUT + - Error Amp Voltage Reference Current Limit R1 R2 /CE Rdischg CFB XC6501D Series VIN VSS VOUT ON/OFF Control each circuit CE + - Error Amp Voltage Reference Current Limit R1 R2 CFB XC6501P Series VIN VSS VOUT |
Similar Part No. - XC6501P31AMR |
|
Similar Description - XC6501P31AMR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |