Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A15Q324C7N Datasheet(PDF) 80 Page - Altera Corporation

Part # EP2C8A15Q324C7N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A15Q324C7N Datasheet(HTML) 80 Page - Altera Corporation

Back Button EP2C8A15Q324C7N Datasheet HTML 76Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 77Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 78Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 79Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 80Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 81Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 82Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 83Page - Altera Corporation EP2C8A15Q324C7N Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
3–6
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Configuration Schemes
SRAM configuration elements allow Cyclone II devices to be
reconfigured in-circuit by loading new configuration data into the device.
With real-time reconfiguration, the device is forced into command mode
with the
nCONFIG pin. The configuration process loads different
configuration data, reinitializes the device, and resumes user-mode
operation. You can perform in-field upgrades by distributing new
configuration files within the system or remotely.
A built-in weak pull-up resistor pulls all user I/O pins to VCCIO before
and during device configuration.
The configuration pins support 1.5-V/1.8-V or 2.5-V/3.3-V I/O
standards. The voltage level of the configuration output pins is
determined by the VCCIO of the bank where the pins reside. The bank
VCCIO selects whether the configuration inputs are 1.5-V, 1.8-V, 2.5-V, or
3.3-V compatible.
Configuration
Schemes
You can load the configuration data for a Cyclone II device with one of
three configuration schemes (see Table 3–4), chosen on the basis of the
target application. You can use a configuration device, intelligent
controller, or the JTAG port to configure a Cyclone II device. A low-cost
configuration device can automatically configure a Cyclone II device at
system power-up.
Multiple Cyclone II devices can be configured in any of the three
configuration schemes by connecting the configuration enable (
nCE) and
configuration enable output (
nCEO) pins on each device.
f
For more information on configuration, see the Configuring Cyclone II
Devices chapter of the Cyclone II Handbook, Volume 2.
Table 3–4. Data Sources for Configuration
Configuration
Scheme
Data Source
Active serial (AS)
Low-cost serial configuration device
Passive serial (PS) Enhanced or EPC2 configuration device, MasterBlaster, ByteBlasterMV, ByteBlaster II or
USB Blaster download cable, or serial data source
JTAG
MasterBlaster, ByteBlasterMV, ByteBlaster II or USB Blaster download cable or a
microprocessor with a Jam or JBC file


Similar Part No. - EP2C8A15Q324C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A15Q324C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com