Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD908 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # BD908
Description  POWER TRANSISTORS(15A,90W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BD908 Datasheet(HTML) 3 Page - Mospec Semiconductor

  BD908 Datasheet HTML 1Page - Mospec Semiconductor BD908 Datasheet HTML 2Page - Mospec Semiconductor BD908 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - BD908

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BD908 BOCA-BD908 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD908 ISC-BD908 Datasheet
106Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD908 CDIL-BD908 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD908 NJSEMI-BD908 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
List of Unclassifed Man...
BD908 ETC2-BD908 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BD908

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
   POWER TRANSISTORS(15A,60V,90W)
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
   POWER TRANSISTORS(7.0A,90W)
BUV47 MOSPEC-BUV47 Datasheet
120Kb / 3P
   POWER TRANSISTORS(9A,400V,90W)
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
   POWER TRANSISTORS(15A,175W)
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
   POWER TRANSISTORS(15A,160W)
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
   POWER TRANSISTORS(15A,130W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com