Electronic Components Datasheet Search |
|
XC6419BA11EL Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC6419BA11EL Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 29 page 5/29 XC6419 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUITS VOUT(T)≧2.0V (A, B Series), VEN2=VIN, IOUT=10mA ×0.99 (*3) ×1.01 (*3) VOUT≦1.95V (A, B Series), VEN2=VIN, IOUT=10mA -0.02 (*3) +0.02 (*3) VOUT(T)>1.5V(C, D Series) VEN2=VIN, IOUT=10mA ×0.98 (*3) ×1.02 (*3) Output Voltage VOUT(E) (*2) VOUT≦1.5V (C, D Series) VEN2=VIN, IOUT=10mA -0.03 (*3) VOUT(T) (*4) +0.03 (*3) V ① Output Current IOUTMAX 100 mA ① Load Regulation ΔVOUT VEN2=VIN, 0.1mA≦IOUT≦50mA Refer to table E-21 mV ① Dropout Voltage (*5) Vdif IOUT=50mA, VEN2=VIN Refer to table E-22 mV ① Supply Current ISS VIN=VEN2=VOUT(T)+1.0V, IOUT=0mA 23 60 μA ② Stand-by Current ISTBY VIN=6.0V, VEN2=VSS 0.01 0.1 μA ② VOUT(T)+0.5V≦VIN≦6.0V : VOUT(T)≧1.0V VEN2=VIN, IOUT=10mA Line Regulation ΔVOUT ΔVIN ・VOUT 1.5V≦VIN≦6.0V : VOUT(T)≦0.95V VEN2=VIN, IOUT=10mA 0.01 0.20 %/V ① Input Voltage VIN 1.5 6.0 V ① Output Voltage Temperature Characteristics ΔVOUT ΔTa ・VOUT VEN2=VIN, IOUT=30mA -40℃≦Ta≦85℃ ±100 ppm/℃ ① VIN={VOUT(T)+1.0} VDC+0.5Vp-pAC : VOUT(T)≦4.75V VEN2=VIN, IOUT=30mA、f=1kHz Ripple Rejection Rate PSRR VIN=5.75VDC+0.5Vp-pAC : VOUT(T)≧4.8V VEN2=VIN, IOUT=30mA, f=1kHz 60 dB ③ Limit Current ILIM VEN2=VIN 110 150 mA ① Short Current ISHORT VEN2=VIN, Short VOUT to VSS level 15 mA ① EN ”H” Level Voltage VENH 1.2 6.0 V ① EN ”L” Level Voltage VENL 0.3 V ① EN ”H” Level Current IENH VEN2=VIN -0.1 0.1 μA ① EN ”L” Level Current IENL VEN2=VSS -0.1 0.1 μA ① CL Discharge Resistor (*8) RDCHG VIN=6.0V, VOUT=4.0V, VEN2= VSS 550 Ω ① NOTE: *1: Unless otherwise stated, VIN=VOUT (T) +1.0V, VEN1=0V. *2: VOUT (E) is actual output voltage (refer to the voltage table) (ie. The output voltage when “VOUT (T) +1.0V” is provided at the VIN pin while maintaining a certain IOUT value. *3: Characteristics of the actual VOUT (E) by nominal output voltage is shown in the voltage table *4: VOUT (T) is nominal output voltage *5: Vdif = VIN1 (*7) -VOUT3(*6) *6: VOUT3 is a voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+1.0V} is input. *7: VIN1 is the input voltage when VOUT3 appears while input voltage is gradually decreased. *8: For XC6419 xB/xD series only. XC6419 xA /xC series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS. Ta=25℃ ■ELECTRICAL CHARACTERISTICS (Continued) ● XC6419 Series Regulator 2 |
Similar Part No. - XC6419BA11EL |
|
Similar Description - XC6419BA11EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |