Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ZCLF Datasheet(PDF) 11 Page - IK Semicon Co., Ltd

Part # TL431ZCLF
Description  Programmable Precision Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZCLF Datasheet(HTML) 11 Page - IK Semicon Co., Ltd

Back Button TL431ZCLF Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 9Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 10Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 11Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 12Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 13Page - IK Semicon Co., Ltd TL431ZCLF Datasheet HTML 14Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL431Z
Package Dimensions
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.80
5.00
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
H
J
NOTES:
K
0.10
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.80
6.20
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.50
1.27
5.72
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5
Rev. 01


Similar Part No. - TL431ZCLF

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431ZCLF IKSEMICON-TL431ZCLF Datasheet
494Kb / 13P
   Programmable Precision Reference
More results

Similar Description - TL431ZCLF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com