Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ZLS Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # TL431ZLS
Description  Programmable Precision Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZLS Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  TL431ZLS Datasheet HTML 1Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 2Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 3Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 4Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL431Z
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
KA = VREF, IK = 10mA unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Input Voltage
VREF
VKA = VREF, IK = 10mA
TL431Z (2%)
TL431Z-A (1%)
TL431Z-C (0.5%)
2.440
2.470
2.482
2.495
2.495
2.495
2.550
2.520
2.508
V
Deviation of Reference Input
Voltage Over Full
Temperature Range
VREF(dev)
Tmin ≤ Ta ≤ Tmax
3
17
MV
Ratio of Change in
Reference Input Voltage to
the Change in Cathode
Voltage
V
V
REF
KA
∆VKA = 10V-VREF
∆VKA = 36V- 10V
-1.4
-1.0
-2.7
-2.0
mV/V
Reference Input Current
IREF
R1 = 10KΩ, R2 = ∞
1.8
4
Deviation of Reference Input
Current Over Full
Temperature Range
IREF(dev)
R1 = 10KΩ, R2 = ∞
0.4
1.2
Minimum Cathode Current
for Regulation
IK(min)
0.25
0.5
mA
Off-State Cathode Current
IK(off)
VKA = 40 V, VREF = 0
0.17
0.9
Dynamic Impedance
ZKA
IK = 10mA to 100 mA , f ≤
1.0KHz
0.27
0.5
Note :
1. The deviation parameter ∆Vref is defined as the difference between the maximum and minimum values obtained over
the full operating ambient temperature range that applies
The average temperature coefficient of the reference input voltage, aVref is defined as:
αVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
(Refer to Figure 6.)
2. The dynamic impedance ZKA is defined as
When the device is programmed with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance
of the circuit is defined as:
Rev. 01


Similar Part No. - TL431ZLS

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431ZLS IKSEMICON-TL431ZLS Datasheet
494Kb / 13P
   Programmable Precision Reference
More results

Similar Description - TL431ZLS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com