Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK1589D2T Datasheet(PDF) 9 Page - IK Semicon Co., Ltd

Part # IK1589D2T
Description  2.7 A Low Dropout Positive Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK1589D2T Datasheet(HTML) 9 Page - IK Semicon Co., Ltd

  IK1589D2T Datasheet HTML 1Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 2Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 3Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 4Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 5Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 6Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 7Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 8Page - IK Semicon Co., Ltd IK1589D2T Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IK1589
TO-263-2L PACKAGE OUTLINE DIMENSION
Rev. 01


Similar Part No. - IK1589D2T

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-12 IKSEMICON-IK1509-12 Datasheet
103Kb / 6P
   Switching Voltage Regulators
IK1509-3.3 IKSEMICON-IK1509-3.3 Datasheet
103Kb / 6P
   Switching Voltage Regulators
IK1509-5 IKSEMICON-IK1509-5 Datasheet
103Kb / 6P
   Switching Voltage Regulators
IK1509-ADJ IKSEMICON-IK1509-ADJ Datasheet
103Kb / 6P
   Switching Voltage Regulators
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
More results

Similar Description - IK1589D2T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com