Electronic Components Datasheet Search |
|
XC6419CC18EL Datasheet(PDF) 9 Page - Torex Semiconductor |
|
XC6419CC18EL Datasheet(HTML) 9 Page - Torex Semiconductor |
9 / 29 page 9/29 XC6419 Series <Input and Output Capacitor> The XC6419 needs an output capacitor CL for phase compensation. The requested capacitance values are described in the table below. The device may go into unstable operation when the output capacitance reduction happens as a result of bias or temperature drift. Please choose a capacitor with less influence from temperature and bias. Also, please place 1.0μF input capacitor CIN between VIN and VSS pins for stabilizing input supply voltage. ■NOTES ON USE 1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please wire the input capacitor CIN and the output capacitor CL as close to the IC as possible. ■OPERATIONAL DESCRIPTION (Continued) SETTING VOLTAGE OUTPUT CAPACITOR 0.8V∼1.15V CL≧2.2μF 1.2V∼5.0V CL≧1.0μF |
Similar Part No. - XC6419CC18EL |
|
Similar Description - XC6419CC18EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |