Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3301 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK3301
Description  Triple DC to DC Converter Control IC for CCD Image sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3301 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK3301 Datasheet HTML 1Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 2Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 3Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 4Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 5Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 6Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 7Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 8Page - IK Semicon Co., Ltd IK3301 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
IK3301
Rev. 01
General Description
Figure 1 shows the simplified block diagram of IK3301. The device consists of two highly efficient DC-DC
converters, a negative charge pump, clock generator to supply clock signals to each circuit and reference
voltage generator.
The 15V supply voltage is generated by UP voltage converter, which utilizes one external inductor, one
external capacitor and two external diodes. The internal comparator continuously monitors the output
voltage and adjusts it to 15V by controlling PWM (Pulse Width Modulation) circuit. The 5V supply voltage is
generated by DOWN voltage converter, which utilizes one external inductor, one PFET switch, one external
capacitor and one external diode. The internal comparator continuously monitors the output voltage and
adjusts it to 5V by controlling PWM circuit. The –8V supply voltage is generated by negative charge pump.
This circuit needs two diodes, two external capacitors, and one external inductor. The user can adjust the
output voltages by changing the feedback resistor ratio for all three output voltages.
The reference voltage is generated from internal Band-gap reference circuit and almost constant to the
temperature and the power supply voltage. As a result, 15V, 5V, and -8V voltage outputs are also constant
to temperature and power supply voltage.
Block Diagram
Figure 1. Block Diagram


Similar Part No. - IK3301

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3301 IKSEMICON-IK3301 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
IK3301 IKSEMICON-IK3301_11 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
More results

Similar Description - IK3301

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3301 IKSEMICON-IK3301_11 Datasheet
814Kb / 9P
   Triple DC to DC Converter Control IC for CCD Image sensor
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com