Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-75 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RS-75
Description  75W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-75 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RS-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RS-75-3.3
RS-75-5
RS-75-12
RS-75-15
RS-75-24
RS-75-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
3.3V
5V
12V
15V
24V
48V
15A
12A
6A
5A
3.2A
1.6A
0~15A
0~12A
0~6A
0~5A
0~3.2A
0~1.6A
49.5W
60W
72W
75W
76.8W
76.8W
80mVp-p
80mVp-p
120mVp-p
120mVp-p
120mVp-p
200mVp-p
3V~3.6V
4.75~5.5V
10.8~13.2V
13.5~16.5V
22~27.6V
42~54V
3.0%
2.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.0%
500ms,30ms/230VAC1200ms,30ms/115VACatfullload
60ms/230VAC14ms/115VACatfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
71%
3.8~4.45V
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
55.2~64.8V
76%
81%
82%
85%
86%
2A/115VAC1.2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
265Khrsmin.MIL-HDBK-217F(25
)
129*97*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:RS-75-SPEC2006-04-13
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
0.41Kg;30pcs/13.3Kg/0.86CUFT
75WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
R S - 7 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note6)
PROTECTION
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)heavyindustrylevel,criteria A


Similar Part No. - RS-75

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-75 MEANWELL-RS-75 Datasheet
236Kb / 2P
   75W Single Output Switching Power Supply
logo
Total Power Internation...
RS-75 TOTAL-POWER-RS-75 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-75-12 ASTRODYNE-RS-75-12 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-75-12 MEANWELL-RS-75-12 Datasheet
236Kb / 2P
   75W Single Output Switching Power Supply
More results

Similar Description - RS-75

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-75 MEANWELL-LPS-75 Datasheet
301Kb / 2P
   75W Single Output Switching Power Supply
SCP-75 MEANWELL-SCP-75_11 Datasheet
313Kb / 3P
   75W Single Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
LRS-75 MEANWELL-LRS-75 Datasheet
108Kb / 4P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com