Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA11R Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # RCA11R
Description  RCA JACKS SINGLE, GANGED & STACKED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RCA11R Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  RCA11R Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
208
INTRODUCTION:
Adam Tech RCA Series RCA jacks are a popular choice for audio
and visual output in electronic equipment applications. Adam Tech
offers a multitude of RCA jacks intended to satisfy most audio and
visual applications. This series offers choices of panel, PCB, and
chassis mounting in single, dual, stacked and color coded versions
with a number of shell plating options. Adam Tech RCA jacks are
precision engineered to provide intermatability and balance to a
broad range of industry standard plugs. Manufactured with high
quality UL94V-O ABS these jacks are an excellent choice for most
audio and visual applications.
FEATURES:
Wide range of colors
Multiple port versions
Various body styles
Industry Standard compatibility
MATING PLUGS:
All industry standard RCA plugs.
SPECIFICATIONS:
Material:
Standard insulator: ABS or PBT glass filled, rated UL94-HB
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Colors: Red, Black, Yellow, White
Bushing: Brass, Nickel plated, (Gold optional)
Contacts: Brass
Contact Plating:
Tin or Silver over copper underplate
Electrical:
Operating voltage: 12V DC max.
Current rating: 1 Amp max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 100 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 6.6 lbs max.
Withdrawal force: 1.7 lbs min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -25°C to +80°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic bags
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
RCA JACKS
SINGLE, GANGED & STACKED
RCA SERIES
OPTIONS:
Add designator(s) to end of part number
G = Gold plated barrels
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
ORDERING INFORMATION
RCA
2
3
B
SERIES
INDICATOR
RCA = RCA Jack
BODY STYLE
1 thru 11
CIRCUIT TYPE
1 thru 4
See detail on
drawing pages
COLOR
B = Black
R = Red
W = White
Y = Yellow
Ganged:
X/X =
Left / Right Color
X/X/X =
Left / Center / Right Color
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - RCA11R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCA1000 ETC-RCA1000 Datasheet
115Kb / 3P
   8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
RCA1001 ETC-RCA1001 Datasheet
115Kb / 3P
   8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
logo
Vishay Siliconix
RCA1020-LSE3 VISHAY-RCA1020-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
More results

Similar Description - RCA11R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCA-7 ADAM-TECH-RCA-7 Datasheet
179Kb / 2P
   RCA JACKS GANGED & STACKED
RCA-4 ADAM-TECH-RCA-4 Datasheet
123Kb / 1P
   RCA JACKS SINGLE & GANGED
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
RCA-1 ADAM-TECH-RCA-1 Datasheet
113Kb / 1P
   RCA JACKS SINGLE, METAL & PLASTIC BODIES
MTJG-16-88JX1-FSG-PG-C5 ADAM-TECH-MTJG-16-88JX1-FSG-PG-C5 Datasheet
122Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
MTJG-16-88JX1-FSG-PG ADAM-TECH-MTJG-16-88JX1-FSG-PG Datasheet
125Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
MTJG-8-88JX1-FSG-PG-LD ADAM-TECH-MTJG-8-88JX1-FSG-PG-LD Datasheet
144Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LH ADAM-TECH-MTJG-8-88JX1-FSG-PG-LH Datasheet
105Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-L25 ADAM-TECH-MTJG-8-88JX1-FSG-PG-L25 Datasheet
97Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FS-PG-LD-SPB ADAM-TECH-MTJG-8-88JX1-FS-PG-LD-SPB Datasheet
104Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com