Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN-800-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCN-800-48
Description  800W Single Output With Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCN-800-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCN-800-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCN-800-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCN-800-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
DeratingCurve
ExternalDCControlVSOutputVoltage
Unit:mm
Ta(
)
-10
0
10
20
30
40
50
60
50
100
FileName:SCN-800-SPEC 2007-11-01
EXTERNAL VOLTAGE(Typical)
1
2
3
4
5
O.V.P.
V
Vout
100
40
60
80
20
291
250
291
200
199.5
L
FG
N
50.5
32
41
30
ACINPUT
#6-32-4
M3(NUT)x3H-4
POS+
LED
NEG-
V ADJ
M6
BOTTOMSIDE
9
S C N - 8 0 0 series
Airflow
direction
M3(NUT)x3H-4
800WSingleOutputWithParallelFunction
non-linear


Similar Part No. - SCN-800-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCN-800-48 ASTRODYNE-SCN-800-48 Datasheet
206Kb / 3P
   800W With Parallel Function
More results

Similar Description - SCN-800-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
   800W With Parallel Function
SCP-800 ASTRODYNE-SCP-800 Datasheet
1Mb / 3P
   800W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
   800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
SCN-1K5 MEANWELL-SCN-1K5 Datasheet
321Kb / 3P
   1500W Single Output With Parallel Function
SCN-1K2 MEANWELL-SCN-1K2 Datasheet
325Kb / 3P
   1200W Single Output With Parallel Function
SCN-600 MEANWELL-SCN-600 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
SCN-2K0 MEANWELL-SCN-2K0 Datasheet
406Kb / 4P
   2000W Single Output With Parallel Function
logo
COTEK ELECTRONIC IND. C...
AE-800 COTEK-AE-800 Datasheet
2Mb / 6P
   800W Programmable Single Output
22/02/16
logo
Mean Well Enterprises C...
SDR-480P MEANWELL-SDR-480P_11 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com