Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP-2K4-36 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SCP-2K4-36
Description  2400W Parallel (N1) With PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCP-2K4-36 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SCP-2K4-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCP-2K4-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCP-2K4-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCP-2K4-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG. C: 3 4W 220/380VAC SYSTEM
FIG. B: 1 220VAC SYSTEM
FIG. D: 3
W 190/110VAC SYSTEM
4
File Name: SCP-2K4-SPEC
2007-03-01
FIG. A: 3 3W 220VAC SYSTEM (STANDARD MODEL FOR STOCK)
N
L
R
N
S
T
FG1
N1
L1
FG
R
S
L2
N2
FG2
T
L3
N3
FG3
N
FG1
N1
L1
FG
R
S
L2
N2
FG2
T
L3
N3
FG3
N
(N.C.)
T
S
N
R
FG1
N1
L1
FG
R
S
L2
N2
FG2
T
L3
N3
FG3
N (NC)
R
S
T
FG1
N1
L1
FG
R
S
L2
N2
FG2
T
L3
N3
FG3
N (NC)
SCP-2K4 series
2400W Parallel (N+1) With PFC Function


Similar Part No. - SCP-2K4-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-2K4-36 ASTRODYNE-SCP-2K4-36 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-2K4-36 RSG-SCP-2K4-36 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
More results

Similar Description - SCP-2K4-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
SCP-1K2 MEANWELL-SCP-1K2 Datasheet
379Kb / 3P
   900~1200W Parallel (N1) With PFC Function
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com