Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABL103U80A Datasheet(PDF) 9 Page - Altech corporation

Part # ABL103U80A
Description  Molded Case Circuit Breakers UL489 Listed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABL103U80A Datasheet(HTML) 9 Page - Altech corporation

Back Button ABL103U80A Datasheet HTML 2Page - Altech corporation ABL103U80A Datasheet HTML 3Page - Altech corporation ABL103U80A Datasheet HTML 4Page - Altech corporation ABL103U80A Datasheet HTML 5Page - Altech corporation ABL103U80A Datasheet HTML 6Page - Altech corporation ABL103U80A Datasheet HTML 7Page - Altech corporation ABL103U80A Datasheet HTML 8Page - Altech corporation ABL103U80A Datasheet HTML 9Page - Altech corporation ABL103U80A Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
54
Accessoriesfor
ABSeries
CircuitBreakers
Auxiliary
Switch(AX)
Voltage
Aux.for
Aux.for
Switch
SwitchingCurrent(A)
AB..-103U/203U AB..403U/603U Type ResistiveLoad InductiveLoad
125VAC AXS125AC
AXL125AC
1xCO
53
250VAC AXS250AC
AXL250AC
1xCO
32
30VDC
AXS30DC
AXL30DC
1xCO
43
125VDC AXS125DC
AXL125DC
1xCO
0.4
0.4
250VDC AXS250DC
AXL250DC
1xCO
0.2
0.2
StandardPack:1
Weight:9.0g(0.317oz.)
Alarm
Switch(AL)
Voltage
Alarm.for
Alarm.for
Switch
SwitchingCurrent(A)
AB..-103U/203U AB..403U/603U Type ResistiveLoad InductiveLoad
125VAC ALS125AC
ALL125AC
1xCO
53
250VAC ALS250AC
ALL250AC
1xCO
32
30VDC
ALS30DC
ALL30DC
1xCO
43
125VDC ALS125DC
ALL125DC
1xCO
0.4
0.4
250VDC ALS250DC
ALL250DC
1xCO
0.2
0.2
StandardPack:1
Weight:9.0g(0.317oz.)
Shunt
Trip(SHT) (75-110%ofratedvoltage)
Voltage
ShuntTripfor
ShuntTripfor
AB..-103U/203U
AB..403U/603U
AC/DC
12V
SHTS12VU
24V
SHTS24VU
48V
SHTS48VU
60V
SHTS60VU
250V
SHTS250VU
24-48V
SHTL24VU
100-125VAC/100-120VDC
SHTL100VU
200-240VAC/200-220VDC
SHTL200VU
AC100-125V
SHTS100AC
200-240V
SHTS200AC
380-450V
SHTS380AC
440-480V
SHTS440AC
500-550V
SHTS500AC
380-460V
SHTL380AC
480-550V
SHTL480AC
DC100-110V
SHTS100DC
125V
SHTS125DC
200-220V
SHTS200DC
240V
SHTS240DC
250V
SHTS250DC
StandardPack:1
Weight:9.0g(0.317oz.)
LISTED
E231289


Similar Part No. - ABL103U80A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
   SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
More results

Similar Description - ABL103U80A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
UL489 ALTECH-UL489 Datasheet
657Kb / 8P
   UL489 Listed Busbars
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com