Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX54 Datasheet(PDF) 4 Page - Mospec Semiconductor

Part # BDX54
Description  POWER TRANSISTORS(8A.,45-100V,60W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BDX54 Datasheet(HTML) 4 Page - Mospec Semiconductor

  BDX54 Datasheet HTML 1Page - Mospec Semiconductor BDX54 Datasheet HTML 2Page - Mospec Semiconductor BDX54 Datasheet HTML 3Page - Mospec Semiconductor BDX54 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - BDX54

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX54 POINN-BDX54 Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDX54 TRSYS-BDX54 Datasheet
718Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Bourns Electronic Solut...
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX54 TEL-BDX54 Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
More results

Similar Description - BDX54

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
   POWER TRANSISTOR (-100V, -8A)
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
   For Power amplification (-100V, -8A)
2SD2607 ROHM-2SD2607 Datasheet
53Kb / 1P
   For Power amplification (100V, 8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
   100V, 8A Rectifier
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
   100V, 8A Rectifier
logo
Shindengen Electric Mfg...
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
   POWER TRANSISTORS(8A,100W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com