Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABH403U350A Datasheet(PDF) 5 Page - Altech corporation

Part # ABH403U350A
Description  Molded Case Circuit Breakers UL489 Listed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABH403U350A Datasheet(HTML) 5 Page - Altech corporation

  ABH403U350A Datasheet HTML 1Page - Altech corporation ABH403U350A Datasheet HTML 2Page - Altech corporation ABH403U350A Datasheet HTML 3Page - Altech corporation ABH403U350A Datasheet HTML 4Page - Altech corporation ABH403U350A Datasheet HTML 5Page - Altech corporation ABH403U350A Datasheet HTML 6Page - Altech corporation ABH403U350A Datasheet HTML 7Page - Altech corporation ABH403U350A Datasheet HTML 8Page - Altech corporation ABH403U350A Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
50
Mounting Bolt Drilling
Panel cut-out
Mounting Bolt Drilling
Panel cut-out
2.756 (70)
1.378 (35)
2.756 (70)
1.378 (35)
1.457 (37)
Circuit
Breaker
Circuit
Breaker
8-32 UNCTap
(2 Holes)
CL
CL
0.906(23)
4.134 (105)
4.567 (116)
3.229 (82)
3.386 (86)
2.874 (73)
3.110 (79)
Trip test
button
3.386 (86)
3.229 (82)
4.567 (116)
0.906(23)
LC
Trip test
button
4.134 (105)
1.378 (35)
LC
3.110 (79)
2.874 (73)
1.457 (37)
(2 Holes)
8-32 UNCTap
Circuit
Breaker
LC
Circuit
Breaker
LC
CL
Instantaneous
current
regulating knob
1.378 (35)
CL
CL
CL
ABSeries
CircuitBreakers
Dimensions
ABS/ABH/ABL
103U
ABS/ABH/ABL
203U
Dimensionsshownininches(mm)


Similar Part No. - ABH403U350A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
   AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
   INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
More results

Similar Description - ABH403U350A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
UL489 ALTECH-UL489 Datasheet
657Kb / 8P
   UL489 Listed Busbars
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com