Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS403U250A Datasheet(PDF) 10 Page - Altech corporation

Part # ABS403U250A
Description  Molded Case Circuit Breakers UL489 Listed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABS403U250A Datasheet(HTML) 10 Page - Altech corporation

Back Button ABS403U250A Datasheet HTML 2Page - Altech corporation ABS403U250A Datasheet HTML 3Page - Altech corporation ABS403U250A Datasheet HTML 4Page - Altech corporation ABS403U250A Datasheet HTML 5Page - Altech corporation ABS403U250A Datasheet HTML 6Page - Altech corporation ABS403U250A Datasheet HTML 7Page - Altech corporation ABS403U250A Datasheet HTML 8Page - Altech corporation ABS403U250A Datasheet HTML 9Page - Altech corporation ABS403U250A Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
55
Undervoltage
Trip(UVT)
Voltage
UndervoltageTripfor
UndervoltageTripfor
AB..-103U/203U
AB..4103U/603U
AC/DC
24V
UVTS24VU
UVTL24VU
48V
UVTS48VU
UVTL48VU
100-110V
UVTS100VU
UVTL100VU
200-220V
UVTS200VU
UVTL200VU
AC380-450V
UVTS380AC
UVTL380AC
440-480V
UVTS440AC
UVTL440AC
StandardPack:1
Weight:9.0g(0.317oz.)
(tripping@35-70%ofratedvoltage)
(resetting@85-100%ofratedvoltage)
Accessoriesfor
ABSeries
CircuitBreakers
Left Compartment
Left Compartment
Left Compartment
Option of connecting
2xAX or AX+AL or SHT or UVT
Right Compartment
Option of connecting
2xAX or AL+AX
... 103U
... 203U
... 403U
... 603U
Left Compartment
Option of connecting
2xAX , 2xAL and SHT or UVT
Right Compartment
Option of connecting
2xAX , 2xAL and SHT or UVT
Right
Compartment
Right
Compartment
VariousOptionsforUsingAccessories
Insulation
Barrier(IB)
Cat.No.
ForUseWith
TB-23T
AB..103U/AB..203U;15to225A
IB-400600 AB..403U/AB..603U;250to600A
StandardPack:1
Weight:0.25kg(0.55lb.)
Applicable lock if
necessary
(not supplied)
Unit : mm
Mechanical
Interlock(MI)
Cat.No.
ForUseWith
MI-23S
AB..103U/AB..203U;15to225A
MI-43S
AB..403U;250to400A
MI-83S
AB..603U;500to600A
StandardPack:1
Weight:0.25kg(0.55lb.)
LISTED
E231289


Similar Part No. - ABS403U250A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1012 BEL-ABS400-1012 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1024 BEL-ABS400-1024 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1036 BEL-ABS400-1036 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1048 BEL-ABS400-1048 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
More results

Similar Description - ABS403U250A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
UL489 ALTECH-UL489 Datasheet
657Kb / 8P
   UL489 Listed Busbars
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com