Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS-1000-248A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. TS-1000-248A
Description  1000W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

TS-1000-248A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-1000-248A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
MechanicalSpecification
Remoteport
OFF
ON
Load
Battery
Status
ACOutput
Setting
Remoteport
Load
Battery
Status
ACOutput
Setting
OFF
ON
Type-A
Type-B
Unit:mm
FileName:TS-1000-SPEC2008-10-14
T S - 1 0 0 0 series
A :TYPE
B :TYPE
C:TYPE
D:TYPE
E:TYPE
F:TYPE
A
B
C
D
E
F
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1000W
TS
1000
112 A
TYPE-A
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
ACOutputReceptacles(optional)
28.55
50.05
19.22
10
171
184
direction
Airflow
1000W TrueSineWaveDC-ACPowerInverter


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A-301-1K01000W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-2K52500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-150150W Modified Sine Wave DC-AC Power Inverter 1 2 3 4 Mean Well Enterprises Co., Ltd.
A-301-300300W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-600600W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
TN-15001500W True Sine Wave DC-AC Inverter with Solar Charger 1 2 3 4 Mean Well Enterprises Co., Ltd.
A301-100100W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K71500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
TS-200DC/AC Inverter 200~700W True Sine Wave 1 Mean Well Enterprises Co., Ltd.
PN200501500VA001500VA Pure Sine Wave Inverter 1 2 3 4 5 List of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn