Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A8U324C8N Datasheet(PDF) 62 Page - Altera Corporation

Part # EP2C8A8U324C8N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A8U324C8N Datasheet(HTML) 62 Page - Altera Corporation

Back Button EP2C8A8U324C8N Datasheet HTML 58Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 59Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 60Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 61Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 62Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 63Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 64Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 65Page - Altera Corporation EP2C8A8U324C8N Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 168 page
background image
2–50
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Open-Drain Output
Cyclone II devices provide an optional open-drain (equivalent to an
open-collector) output for each I/O pin. This open-drain output enables
the device to provide system-level control signals (that is, interrupt and
write-enable signals) that can be asserted by any of several devices.
LVCMOS (1.5 V)
2
2
44
66
8
SSTL-2 class I
8
8
12
12
SSTL-2 class II
16
16
20
24
SSTL-18 class I
6
6
88
10
10
12
SSTL-18 class II
16
18
HSTL-18 class I
8
8
10
10
12
12
HSTL-18 class II
16
18
20
HSTL-15 class I
8
8
10
12
HSTL-15 class II
16
Note to Table 2–16:
(1)
The default current in the Quartus II software is the maximum setting for each
I/O standard.
Table 2–16. Programmable Drive Strength (Part 2 of 2)
Note (1)
I/O Standard
IOH/IOL Current Strength Setting (mA)
Top & Bottom I/O Pins
Side I/O Pins


Similar Part No. - EP2C8A8U324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A8U324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com