Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU208A Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BU208A
Description  POWER TRANSISTORS(5.0A,1300-1500V,55W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU208A Datasheet(HTML) 1 Page - Mospec Semiconductor

  BU208A Datasheet HTML 1Page - Mospec Semiconductor BU208A Datasheet HTML 2Page - Mospec Semiconductor BU208A Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BU208A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU208A MOTOROLA-BU208A Datasheet
202Kb / 6P
   5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
logo
Savantic, Inc.
BU208A SAVANTIC-BU208A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BU208A ONSEMI-BU208A Datasheet
202Kb / 6P
   NPN SILICON POWER TRANSISTOR
1995 REV 7
logo
New Jersey Semi-Conduct...
BU208A NJSEMI-BU208A Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
More results

Similar Description - BU208A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU204 MOSPEC-BU204 Datasheet
116Kb / 3P
   POWER TRANSISTORS(2.5A,1300-1500V,36W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
   POWER TRANSISTORS(2.5A,1500V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
   POWER TRANSISTORS(4.5A,1500V,50W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
   POWER TRANSISTORS(5A,1500V,125W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
   POWER TRANSISTORS(3.5A,1500V,80W)
2SD897A MOSPEC-2SD897A Datasheet
123Kb / 3P
   POWER TRANSISTORS(1.5A,1500V,50W)
2SD870 MOSPEC-2SD870 Datasheet
124Kb / 3P
   POWER TRANSISTORS(5A,1500V,50W)
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
   POWER TRANSISTORS(6.0A,1500V,80W)
2SD871 MOSPEC-2SD871 Datasheet
118Kb / 3P
   POWER TRANSISTORS(6A,1500V,50W)
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com