Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKA0.V Datasheet(PDF) 2 Page - Altech corporation

Part # OKA0.V
Description  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

OKA0.V Datasheet(HTML) 2 Page - Altech corporation

  OKA0.V Datasheet HTML 1Page - Altech corporation OKA0.V Datasheet HTML 2Page - Altech corporation OKA0.V Datasheet HTML 3Page - Altech corporation OKA0.V Datasheet HTML 4Page - Altech corporation OKA0.V Datasheet HTML 5Page - Altech corporation OKA0.V Datasheet HTML 6Page - Altech corporation OKA0.V Datasheet HTML 7Page - Altech corporation OKA0.V Datasheet HTML 8Page - Altech corporation OKA0.V Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
73 mm
58 mm
15
mm
50.5 mm
15.8
mm
15.8
mm
73 mm
58 mm
15
mm
65 mm
15.8
mm
15.8
mm
15.8
mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Catalog Number
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size
Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
Suitable Accessories
Extended Handle Version/
Door Interlock Mechanism
Shaft
Handles
Auxiliary Switch
Fuse Holder
Direct Handle Version
Handle for 3 Pole
Handle for 4 Pole
Door Mounting Kits
KU325N
3 (4 pole - KU425N)
25A
600V AC
17.5A
11A
1 Phase
3 Phase
12
25
25
37.5
37.5
3
7.5
510
7.5
15
5
10
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
KU340N
3 (4 pole - KU440N)
40A
600V AC
28A
18A
1 Phase
3 Phase
23
37.5
37.5
510
510
5
10
7.5
15
1020
7.5
15
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
KV 10x38, KV 10x38 CC
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
KU363N
3 (4 pole - KU463N)
60A
600V AC
34A
27A
1 Phase
3 Phase
35
510
510
510
510
7.5
10
10
20
1525
15
25
10kA
60A
60A (80A@480V AC)
100A
100A
12-4AWG
16 lb. in.
0.172Kg (0.379lb.) (3 pole)
0.215Kg (0.474lb.) (4 pole)
L1(2,3)00AD11-ST
LK10 (Y/R) UL, LK11 (Y/R) U
KU1.V, KU2.V
K/KU3P (Y/R)
K/KU4P (Y/R)
OKA0.V (Y/R), OKA/KU LK10 (Y/R)
3 Pole
4 Pole
The KU/VKA...N series
can be used with
extended and direct
handles (see page 8-9
for details).
Extended/Direct Handle Motor Disconnect Switch
4


Similar Description - OKA0.V

ManufacturerPart #DatasheetDescription
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com