Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL8-12 Datasheet(PDF) 10 Page - Altech corporation

Part # HCL8-12
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HCL8-12 Datasheet(HTML) 10 Page - Altech corporation

Back Button HCL8-12 Datasheet HTML 2Page - Altech corporation HCL8-12 Datasheet HTML 3Page - Altech corporation HCL8-12 Datasheet HTML 4Page - Altech corporation HCL8-12 Datasheet HTML 5Page - Altech corporation HCL8-12 Datasheet HTML 6Page - Altech corporation HCL8-12 Datasheet HTML 7Page - Altech corporation HCL8-12 Datasheet HTML 8Page - Altech corporation HCL8-12 Datasheet HTML 9Page - Altech corporation HCL8-12 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MOUNTING PINS
EUROSTRIP ACCESSORIES
Convenient options that facilitate
installation and wire termination.
Mounting Pins
Speed panel mounting of
Eurostrips with Mounting Pins.
Simply match drill clearance
hole in panel, position
Eurostrip and install Mounting
Pin through hole and into
mounting hole in Eurostrip
housing. Once pin passes
beyond Eurostrip housing, it
automatically expands, secur-
ing housing to panel. Use two
or more mounting pins per
Eurostrip.
• Material: polycarbonate
• Color: gray.
Marking Plates
Install Marking Plate MP under
or on top of Eurostrip housing
to identify individual pole posi-
tions to increase wiring effi-
ciency, save installation time
and facilitate wire hook-up,
system modification and trou-
ble shooting. Select blank
marking plate for hand mark-
ing or imprinted.
• Material: self-extinguishing
PVC
• Color: white with black
imprint.
Imprinting
Mark individual pole positions
to save installation time and
facilitate wire hook-up, system
modification and trouble
shooting. Choose turret mark-
ing for optimum identification.
To order imprinting specify
consecutive, identical or cus-
tom character imprints.
• Imprints: rub-resistant,
black ink.
H
IL
W
Ø
Mounting Pins
Eurostrip
Panel Thickness
Ordering Information
H4
H6
HE4HN
HE6H
0.5-1.5 mm
0.8-1.8 mm
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
H4
50
H6
50
MARKING PLATES
Eurostrip
HE4, HE4HN
HE6, HE6H
HE10, HE10H, HE16, HE16H
Ordering Information
Cat. No.
Desc.
Std. Pk
Cat. No.
Desc.
Std. Pk.
Cat. No.
Desc.
Std. Pk.
BS24E
Blank
25
BS60E
Blank
25
BS1016E
Blank
25
BS24EM1-12
No. 1-12
25
BS60EM1-12
No. 1-12
25
BS1016EM1-12
No. 1-12
25
BS24EM13-24
No. 13-24 25
BS60EM13-24
No. 13-24 25
BS1016EM13-24 No. 13-24 25
IMPRINTING
Imprint
Marking
Instruction
Ordering Example
Turret Location
Consecutive, imprint 1 through 12,
Turret Location
Cat. No.
Std. Pk.
HE4WPR/12i1-12
1000
Turret Location
Dimensions mm (in.)
Mounting
Pin
Insertion
Panel
Width
Pin Type Height (H) Length (IL) Hole Dia.
(W)
H4
21
12.6
4.2
8.5
H6
24
14.7
5.2
11
89
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com


Similar Part No. - HCL8-12

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HCL-LEAD MSYSTEM-HCL-LEAD Datasheet
66Kb / 1P
   TEST LEADS
logo
Sensortechnics GmbH
HCL0005 SENSORTECHNICS-HCL0005 Datasheet
188Kb / 10P
   Miniature compensated low pressure sensors
HCL0005D SENSORTECHNICS-HCL0005D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL0005E SENSORTECHNICS-HCL0005E Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL0005G SENSORTECHNICS-HCL0005G Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL8-12

ManufacturerPart #DatasheetDescription
logo
Altech corporation
40.009 ALTECH-40.009 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.002 ALTECH-40.002 Datasheet
239Kb / 8P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.012 ALTECH-40.012 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
logo
PHOENIX CONTACT
1435905 PHOENIX-1435905 Datasheet
56Kb / 2P
   Panel feed-through - SACC-DSI-M12MS-12CON-M12/FLAT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
   ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
   ST-8ES1N8ACK04S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
   ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
   ST-17S1N8ACK04S - Panel feed-through
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
   Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
   Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com