Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL10-3 Datasheet(PDF) 8 Page - Altech corporation

Part # HCL10-3
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HCL10-3 Datasheet(HTML) 8 Page - Altech corporation

Back Button HCL10-3 Datasheet HTML 2Page - Altech corporation HCL10-3 Datasheet HTML 3Page - Altech corporation HCL10-3 Datasheet HTML 4Page - Altech corporation HCL10-3 Datasheet HTML 5Page - Altech corporation HCL10-3 Datasheet HTML 6Page - Altech corporation HCL10-3 Datasheet HTML 7Page - Altech corporation HCL10-3 Datasheet HTML 8Page - Altech corporation HCL10-3 Datasheet HTML 9Page - Altech corporation HCL10-3 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dimensions mm
A= 10.0
J= 15.2
B= M3
K= 11.5
C= 6.4
L= 117
D= 3.6
M= 18.5
E= Ø3.5
N =
34.4
F= Ø5.7
O= 9.2
G = 10.0
P= 20
H= Ø3.5
Q= 14.4
I= 6.8
R= 7
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
600V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42SBU/02
100
HE42SBU/03
100
HE42SBU/04
100
HE42SBU/05
100
HE42SBU/06
50
HE42SBU/07
50
HE42SBU/08
50
HE42SBU/09
50
HE42SBU/10
50
HE42SBU/11
50
HE42SBU/12
50
HE42SST
HE42SBU
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Standoff feet
Standoff feet
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
600V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42SST/02
100
HE42SST/03
100
HE42SST/04
100
HE42SST/05
100
HE42SST/06
50
HE42SST/07
50
HE42SST/08
50
HE42SST/09
50
HE42SST/10
50
HE42SST/11
50
HE42SST/12
50
STANDOFF
FEET
87
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
E211022
E211022


Similar Part No. - HCL10-3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL12X5D SENSORTECHNICS-HCL12X5D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5E SENSORTECHNICS-HCL12X5E Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5G SENSORTECHNICS-HCL12X5G Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5H SENSORTECHNICS-HCL12X5H Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL10-3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
40.009 ALTECH-40.009 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.002 ALTECH-40.002 Datasheet
239Kb / 8P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.012 ALTECH-40.012 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
logo
PHOENIX CONTACT
1435905 PHOENIX-1435905 Datasheet
56Kb / 2P
   Panel feed-through - SACC-DSI-M12MS-12CON-M12/FLAT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
   ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
   ST-8ES1N8ACK04S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
   ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
   ST-17S1N8ACK04S - Panel feed-through
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
   Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
   Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com