Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL12-2 Datasheet(PDF) 6 Page - Altech corporation

Part # HCL12-2
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HCL12-2 Datasheet(HTML) 6 Page - Altech corporation

Back Button HCL12-2 Datasheet HTML 2Page - Altech corporation HCL12-2 Datasheet HTML 3Page - Altech corporation HCL12-2 Datasheet HTML 4Page - Altech corporation HCL12-2 Datasheet HTML 5Page - Altech corporation HCL12-2 Datasheet HTML 6Page - Altech corporation HCL12-2 Datasheet HTML 7Page - Altech corporation HCL12-2 Datasheet HTML 8Page - Altech corporation HCL12-2 Datasheet HTML 9Page - Altech corporation HCL12-2 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
15 mm
4.3/5.7 mm
8.5 mm
10-16 mm2
18-6 AWG
400 V
600 V
35-63 A
63 A
2.0 Nm
17.7 lb-in
Cat. No.
Std. Pk.
HE16HWPR/02
40
HE16HWPR/03
40
HE16HWPR/04
40
HE16HWPR/05
40
HE16HWPR/06
20
HE16HWPR/07
20
HE16HWPR/08
20
HE16HWPR/09
10
HE16HWPR/10
10
HE16HWPR/11
10
HE16HWPR/12
10
12 mm
4.2 mm
7 mm
4-6 mm2
20-10 AWG
400 V
600 V
16 A
40 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE6HWPR/02
100
HE6HWPR/03
100
HE6HWPR/04
100
HE6HWPR/05
100
HE6HWPR/06
50
HE6HWPR/07
50
HE6HWPR/08
50
HE6HWPR/09
50
HE6HWPR/10
25
HE6HWPR/11
25
HE6HWPR/12
25
HE6H
HE10H
Standoff feet with wire protector
Standoff feet with wire protector
Dimensions mm
A= 12.0
I= 9
B= M3.5
J= 9.6
C= 7.7
K= 13.9
D= 4.3
L= 140 (12 pole)
E= Ø4.2
M= 21.8
F= Ø6.3
N =
22.6
G = 12.0
O =
15
H= Ø4.1
Dimensions mm
A= 15.0
I= 10.7
B= M5
J= 11.3
C= 9.3
K= 17.5
D= 5.7
L= 175 (12 pole)
E= Ø4.3/5.7
M= 27.8
F= Ø8.2
N =
25.1
G = 15.0
O =
16
H= Ø5.6
15 mm
4.3/5.7 mm
8.5 mm
6-10 mm2
18-8 AWG
400 V
600 V
25 A
50 A
1.2 Nm
10.6 lb-in
Cat. No.
Std. Pk.
HE10HWPR/02
40
HE10HWPR/03
40
HE10HWPR/04
40
HE10HWPR/05
40
HE10HWPR/06
20
HE10HWPR/07
20
HE10HWPR/08
20
HE10HWPR/09
10
HE10HWPR/10
10
HE10HWPR/11
10
HE10HWPR/12
10
HE16H
Standoff feet with wire protector
Dimensions mm
A= 15.0
I= 10.7
B= M4
J= 11.3
C= 9.3
K= 17.5
D= 5.7
L= 175 (12 pole)
E= Ø4.3/5.7
M= 27.8
F= Ø8.2
N =
25.1
G = 15.0
O =
16
H= Ø5.0
85
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
E211022
E211022
E211022


Similar Part No. - HCL12-2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL12X5D SENSORTECHNICS-HCL12X5D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5E SENSORTECHNICS-HCL12X5E Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5G SENSORTECHNICS-HCL12X5G Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5H SENSORTECHNICS-HCL12X5H Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL12-2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
40.009 ALTECH-40.009 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.002 ALTECH-40.002 Datasheet
239Kb / 8P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.012 ALTECH-40.012 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
logo
PHOENIX CONTACT
1435905 PHOENIX-1435905 Datasheet
56Kb / 2P
   Panel feed-through - SACC-DSI-M12MS-12CON-M12/FLAT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
   ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
   ST-8ES1N8ACK04S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
   ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
   ST-17S1N8ACK04S - Panel feed-through
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
   Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
   Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com