Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCL12-3 Datasheet(PDF) 5 Page - Altech corporation

Part # HCL12-3
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HCL12-3 Datasheet(HTML) 5 Page - Altech corporation

  HCL12-3 Datasheet HTML 1Page - Altech corporation HCL12-3 Datasheet HTML 2Page - Altech corporation HCL12-3 Datasheet HTML 3Page - Altech corporation HCL12-3 Datasheet HTML 4Page - Altech corporation HCL12-3 Datasheet HTML 5Page - Altech corporation HCL12-3 Datasheet HTML 6Page - Altech corporation HCL12-3 Datasheet HTML 7Page - Altech corporation HCL12-3 Datasheet HTML 8Page - Altech corporation HCL12-3 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FEED THROUGH STANDOFF
FEET EUROSTRIPS
Panel Mount
For wire-to-wire connections in
HVAC, appliance, equipment,
power distribution and other
industrial applications with
restricted budget and space
requirements.
Easy to use feed through termi-
nal strips are a cost-effective
alternative to barrier strips or
other types of terminal blocks.
Simply strip the wire, insert,
and tighten the screw.
Eurostrips feature tubular
screw clamps, with wire protec-
tors, and recessed metal parts
for finger protection. The stain-
less steel wire protectors exhib-
it excellent memory and the
most effective connection.
Eurostrips described on this
and the preceeding page are
available with standoff feet for
increased wiring efficiency.
They can be panel mounted or
left to free float. Offered in easy
to cut 12 pole strips, they can
also be ordered precut with the
required number of poles.
• Tubular screw clamp
• Panel mount or free float
• Housing material:
polyamide 6.6
• Color: opaque white
• Marking plates or
factory imprinted
10 mm
3.6 mm
6 mm
2.5-4 mm2
24-10 AWG
400 V
600 V
10 A
30 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE4HNWPR/02
100
HE4HNWPR/03
100
HE4HNWPR/04
100
HE4HNWPR/05
100
HE4HNWPR/06
50
HE4HNWPR/07
50
HE4HNWPR/08
50
HE4HNWPR/09
50
HE4HNWPR/10
50
HE4HNWPR/11
50
HE4HNWPR/12
50
HE1H
HE4HN
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Standoff feet with wire protector
Standoff feet with wire protector
Dimensions mm
A= 8.0
I= 6.6
B= M2.6
J= 6.5
C= 5.2
K= 10.3
D= 2.8
L= 94 (12 pole)
E= Ø3
M= 16
F= Ø5
N =
16.2
G = 8.0
O= 10.1
H= Ø2.8
Dimensions mm
A= 10.0
I= 6.7
B= M3
J= 8.5
C= 6.4
K= 12.1
D= 3.5
L= 117 (12 pole)
E= Ø3.6
M= 19.1
F= Ø5.7
N =
20
G = 10.0
O =
14.0
H= Ø3.6
8 mm
3 mm
5 mm
1-2.5 mm2
24-12 AWG
400 V
600 V
6 A
20 A
0.5 Nm
4.4 lb-in
Cat. No.
Std. Pk.
HE1HWPR/02
100
HE1HWPR/03
100
HE1HWPR/04
100
HE1HWPR/05
100
HE1HWPR/06
50
HE1HWPR/07
50
HE1HWPR/08
50
HE1HWPR/09
50
HE1HWPR/10
50
HE1HWPR/11
50
HE1HWPR/12
50
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
84
E211022
E211022


Similar Part No. - HCL12-3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCL12X5D SENSORTECHNICS-HCL12X5D Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5E SENSORTECHNICS-HCL12X5E Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5G SENSORTECHNICS-HCL12X5G Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
HCL12X5H SENSORTECHNICS-HCL12X5H Datasheet
153Kb / 10P
   Miniature compensated low pressure sensors
More results

Similar Description - HCL12-3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
40.009 ALTECH-40.009 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.002 ALTECH-40.002 Datasheet
239Kb / 8P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
40.012 ALTECH-40.012 Datasheet
79Kb / 2P
   FEED-THROUGH FLAT BASE EUROSTRIPS짰
logo
PHOENIX CONTACT
1435905 PHOENIX-1435905 Datasheet
56Kb / 2P
   Panel feed-through - SACC-DSI-M12MS-12CON-M12/FLAT
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
   ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
   ST-8ES1N8ACK04S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
   ST-5ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
   ST-17S1N8ACK04S - Panel feed-through
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
   Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
   Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com