Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB1117-5.0 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KMB1117-5.0
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMB1117-5.0 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KMB1117-5.0 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMB1117-5.0 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KMB1117-5.0 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Integrate Circuit
Electrical Characteristics Ta = 25
Testconditons
Min
Typ
Max
Unit
Reference Voltage
KMB1117-ADJ TJ=25
,(VIN-OUT)=1.5V,IO=10mA
1.225
1.250
1.275
V
KMB1117-1.5
IOUT = 10mA, TJ =25
,3V
VIN
12V
1.470
1.500
1.530
V
KMB1117-1.8
IOUT = 10mA, TJ =25
,3.3V
VIN
12V
1.764
1.800
1.836
V
KMB1117-1.9
IOUT = 10mA, TJ =25
,3.3V
VIN
12V
1.862
1.900
1.938
V
KMB1117-2.5
IOUT = 10mA, TJ =25
,4V
VIN
12V
2.450
2.500
2.550
V
KMB1117-3.3
IOUT = 10mA, TJ =25
,4.8V
VIN
12V
3.235
3.300
3.365
V
KMB1117-5.0
IOUT = 10mA, TJ =25
,6.5V
VIN
12V
4.900
5.000
5.100
V
Line Regulation
KMB1117-XXX IO=10mA,VOUT+1.5V
VIN
12V, TJ=25
0.2
%
KMB1117-ADJ VIN=3.3V,Vadj=0,0mA
Io
1A,TJ=25
1%
KMB1117-1.5
VIN=3V,0mA
Io
1A,TJ=25
12
15
mV
KMB1117-1.8
VIN=3.3V,0mA
Io
1A,TJ=25
15
18
mV
KMB1117-1.9
VIN=3.3V,0mA
Io
1A,TJ=25
16
19
mV
KMB1117-2.5
VIN=4V,0mA
Io
1A,TJ=25
20
25
mV
KMB1117-3.3
VIN=5V,0mA
Io
1A,TJ=25
26
33
mV
KMB1117-5.0
VIN=8V,0mA
Io
1A,TJ=25
40
50
mV
Dropout Voltage (VIN-VOUT)
KMB1117-XXX IOUT =1A,
VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
KMB1117-XXX (VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
KMB1117-XXX 0
Tj
125
510
mA
TA=25
, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
KMB1117-XXX VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
Parameter
Output Voltage
Ripple Rejection
Load Regulation
Thermal Regulation
KMB1117(LMB1117)


Similar Part No. - KMB1117-5.0

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KMB110F PACELEADER-KMB110F Datasheet
267Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
KMB110F PFS-KMB110F Datasheet
374Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Formosa MS
KMB110F FORMOSA-KMB110F Datasheet
947Kb / 2P
   Surface Mount Schottky Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB110F JUXING-KMB110F Datasheet
1Mb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Electronics ...
KMB110F CHENDA-KMB110F Datasheet
510Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
More results

Similar Description - KMB1117-5.0

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com