Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1787 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1787
Description  Precision, High Side Current Sense Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1787_1 Datasheet HTML 2Page - Linear Technology LT1787_1 Datasheet HTML 3Page - Linear Technology LT1787_1 Datasheet HTML 4Page - Linear Technology LT1787_1 Datasheet HTML 5Page - Linear Technology LT1787_1 Datasheet HTML 6Page - Linear Technology LT1787_1 Datasheet HTML 7Page - Linear Technology LT1787_1 Datasheet HTML 8Page - Linear Technology LT1787_1 Datasheet HTML 9Page - Linear Technology LT1787_1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1787/LT1787HV
1787fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: ESD (Electrostatic Discharge) sensitive devices. Extensive use of
ESD protection devices are used internal to the LT1787/LT1787HV,
however, high electrostatic discharge can damage or degrade the device.
Use proper ESD handling precautions.
Note 3: The LT1787C/LT1787I are guaranteed functional over the
operating temperature range of –40
°C to 85°C. The LT1787H is
guaranteed functional over the operating temperature range of –40
°C to
125
°C.
Note 4: The LT1787C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1787C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1787I is guaranteed to meet
specified performance from – 40
°C to 85°C. The LT1787H is guaranteed to
meet specified performance from –40
°C to 125°C.
Note 5: Testing done at VBIAS = 1.25V, VEE = 0V unless otherwise
specified.
Note 6: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
No Load Output Voltage
vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
010
20
40
30
50
60
1787 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 85°C
TA = 25°C
TA = –40°C
VS
+ = V
S
VBIAS = 0V
VEE = –1.25V
TOTAL SUPPLY VOLTAGE (V)
0
10
20
30
40
1787 G03
50
10
8
6
4
2
0
–2
–4
–6
–8
–10
60
VBIAS = 1V
VEE = 0V
VS
+ = V
S
TA = 25°C
TA = 85°C
TA = –40°C
No Load Output Current vs
Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
10
20
30
40
1787 G01
50
50
40
30
20
10
0
–10
–20
–30
–40
–50
60
VS
+ = V
S
VBIAS = 0V
VEE = –1.25V
TA = 25°C
TA = 85°C
TA = –40°C
Input Offset Voltage vs
Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOMIN
Minimum Output Voltage
VSENSE = 0V, VBIAS = 0V
30
45
mV
VSENSE = VS+ – VS– = –128mV, VBIAS = 0V
10
mV
VSENSE = 0V, VBIAS = 0V
30
55
mV
VSENSE = VS
+ – VS– = –128mV, VBIAS = 0V
10
mV
Unipolar Output
VSENSE = 2mV, VBIAS = 0V
32
50
mV
Saturation Voltage
VSENSE = 4mV, VBIAS = 0V
38
55
mV
VSENSE = 5mV, VBIAS = 0V
43
60
mV
VSENSE = 6mV, VBIAS = 0V
49
65
mV
VSENSE = 2mV, VBIAS = 0V
32
60
mV
VSENSE = 4mV, VBIAS = 0V
38
65
mV
VSENSE = 5mV, VBIAS = 0V
43
70
mV
VSENSE = 6mV, VBIAS = 0V
49
75
mV
VOMAX
Maximum Output Voltage
VS+ – 0.75
V
RG1A, RG2A Input Gain-Setting Resistor
Pin 1 to Pin 2, Pin 7 to Pin 8
1.25
k
ROUT
Output Resistor
Pin 5 to Pin 6
20
k
The
denotes the specifications which apply over the temperature range –40
°C ≤ TA ≤ 125°C, otherwise specifications are at
TA = 25°C. Total supply = (VS– – VEE) = 2.5V to 36V (LT1787H), 2.5V to 60V (LT1787HVH) unless otherwise specified. (Note 5)


Similar Part No. - LT1787_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
More results

Similar Description - LT1787_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com