Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1787IS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1787IS8
Description  Precision, High Side Current Sense Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787IS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1787IS8 Datasheet HTML 1Page - Linear Technology LT1787IS8 Datasheet HTML 2Page - Linear Technology LT1787IS8 Datasheet HTML 3Page - Linear Technology LT1787IS8 Datasheet HTML 4Page - Linear Technology LT1787IS8 Datasheet HTML 5Page - Linear Technology LT1787IS8 Datasheet HTML 6Page - Linear Technology LT1787IS8 Datasheet HTML 7Page - Linear Technology LT1787IS8 Datasheet HTML 8Page - Linear Technology LT1787IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1787/LT1787HV
1787fc
ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the temperature range –40
°C ≤ TA ≤ 85°C, otherwise specifications are at
TA = 25°C. Total supply = (VS
– VEE) = 2.5V to 36V (LT1787I), 2.5V to 60V (LT1787HVI) unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Unipolar Output
VSENSE = 2mV, VBIAS = 0V
32
50
mV
Saturation Voltage
VSENSE = 4mV, VBIAS = 0V
38
55
mV
VSENSE = 5mV, VBIAS = 0V
43
60
mV
VSENSE = 6mV, VBIAS = 0V
49
65
mV
VSENSE = 2mV, VBIAS = 0V
32
56
mV
VSENSE = 4mV, VBIAS = 0V
38
61
mV
VSENSE = 5mV, VBIAS = 0V
43
66
mV
VSENSE = 6mV, VBIAS = 0V
49
71
mV
VOMAX
Maximum Output Voltage
VS+ – 0.75
V
RG1A, RG2A Input Gain-Setting Resistor
Pin 1 to Pin 2, Pin 7 to Pin 8
1.25
k
ROUT
Output Resistor
Pin 5 to Pin 6
20
k
VS–, VS+
Sense Amplifier Supply Voltage Single Supply Operation (LT1787H)
2.5
36
V
Single Supply Operation (LT1787HVH)
2.5
60
V
VSENSE
Input Sense Voltage Full Scale
VSENSE = VS
+ – VS–, VS = 10V, VBIAS = 5V, AV = 8 ±10%
500
mV
VOS
Input Offset Voltage
IOUT = 0, VS Supply = 5V
– 75
±40
75
µV
–40
°C ≤ TA ≤ 125°C
– 400
400
µV
IOUT = 0 (LT1787H)
– 100
100
µV
–40
°C ≤ TA ≤ 125°C
– 550
550
µV
IOUT = 0 (LT1787HVH)
– 100
100
µV
–40
°C ≤ TA ≤ 125°C
– 550
550
µV
VOS TC
Temperature Coefficient of VOS VS Supply = 5V (Note 6)
0.5
4
µV/°C
IOUT(O)
No-Load Output Current Error
VSENSE = 0V
4
nA
VOUT(O)
No-Load Output Voltage Error
VSENSE = 0V, VS Supply = 5V
–600
600
µV
–40
°C ≤ TA ≤ 125°C
–3200
3200
µV
gm
Tranconductance, IOUT/VSENSE
±VSENSE = 10mV, 50mV, 100mV, 150mV, 250mV,
400
µA/V
VS Supply = Total Supply + |VSENSE|
AV
Gain, VOUT/VSENSE
±VSENSE = 100mV, VS Supply = 5V
7.76
8
8.24
V/V
Output Voltage Gain Error
±VSENSE = 100mV, VS Supply = 5V
–3
1
3
%
VS PSRR
VS Supply Rejection Ratio
VSENSE = 0V, VS Supply = 2.5V to 36V (LT1787H)
100
130
dB
VSENSE = 0V, VS Supply = 2.5V to 60V (LT1787HVH)
100
130
dB
VEE PSRR Negative Supply Rejection Ratio VSENSE = 0V, VS Supply = 15V, VBIAS = 0V,
100
130
dB
VEE = – 1V to – 15V (LT1787H)
VSENSE = 0V, VS Supply = 40V, VBIAS = 0V,
100
130
dB
VEE = – 1V to – 15V (LT1787HVH)
∆VOS
Change in Input Offset Voltage
VSENSE = 0V, VS Supply = 36V, VBIAS = 0.5V to 25V (LT1787H)
100
130
dB
∆VBIAS
with Change in VBIAS Voltage
VSENSE = 0V, VS Supply = 60V, VBIAS = 0.5V to 25V (LT1787HVH)
100
130
dB
IS+(O)
Positive Input Sense Current
VSENSE = 0V
10
25
µA
IS–(O)
Negative Input Sense Current
VSENSE = 0V
50
115
µA
IEE(O)
Negative Supply Current
VSENSE = 0V
60
140
µA
IOUT
Output Current
VSENSE = ±128mV
±50
µA
VOUT
Output Voltage
VSENSE = ±128mV, VS
+
≥ 3.3V
VBIAS ±1.024
V
Ripple Rejection
VS
+ = VS– = 20V, ∆VS Supply = 1V, f = 1kHz
80
88
dB
The
denotes the specifications which apply over the temperature range –40
°C ≤ TA ≤ 125°C, otherwise specifications are at
TA = 25°C. Total supply = (VS– – VEE) = 2.5V to 36V (LT1787H), 2.5V to 60V (LT1787HVH) unless otherwise specified. (Note 5)


Similar Part No. - LT1787IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787IS8 LINER-LT1787IS8 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
More results

Similar Description - LT1787IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com