Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1801
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1801 Datasheet HTML 5Page - Linear Technology LT1801 Datasheet HTML 6Page - Linear Technology LT1801 Datasheet HTML 7Page - Linear Technology LT1801 Datasheet HTML 8Page - Linear Technology LT1801 Datasheet HTML 9Page - Linear Technology LT1801 Datasheet HTML 10Page - Linear Technology LT1801 Datasheet HTML 11Page - Linear Technology LT1801 Datasheet HTML 12Page - Linear Technology LT1801 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution, VCM = 5V
(NPN Stage)
INPUT OFFSET VOLTAGE (
µV)
–250
0
5
15
20
25
50
150
35
18012 G01
10
–150
–50
250
30
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
–2000
0
5
15
20
25
400
1200
45
18012 G02
10
–1200
–400
2000
30
35
40
VS = 5V, 0V
VCM = 5V
TOTAL SUPPLY VOLTAGE (V)
1
0
3
12
18012 G03
0
3579 10
2468
11
4
2
1
TA = 125°C
TA = 25°C
TA = –55°C
PER AMPLIFIER
INPUT COMMON MODE VOLTAGE (V)
0
100
300
500
4
18012 G04
–100
–300
0
200
400
–200
–400
–500
1
2
3
5
VS = 5V, 0V
TYPICAL PART
TA = –55°C
TA = 125°C
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
–1
0.2
0.6
1.0
4
18012 G05
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
0
1
23
5
6
VS = 5V, 0V
TA = 25°C
TA = 125°C
TA = –55°C
TEMPERATURE (
°C)
–60
–0.1
0
0.2
0.3
0.4
40
60
80
0.8
18012 G06
0.1
–40
–20
0
20
0.5
0.6
0.7
NPN ACTIVE
VS = 5V, 0V
VCM = 5V
PNP ACTIVE
VS = 5V, 0V
VCM = 1V
LOAD CURRENT (mA)
0.01
0.1
0.001
0.1
10
1
10
100
18012 G07
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
0.01
0.1
0.001
0.1
10
1
10
100
18012 G08
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C


Similar Part No. - LT1801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1801 LINER-LT1801 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LT1801 AD-LT1801 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com