Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC04ACZM Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC04ACZM
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC04ACZM Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC04ACZM Datasheet HTML 1Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 2Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 3Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-8
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS
1000
100
1
0.1
0
0.25
0.5
0.75
1.0
1.25
1.5
OUTPUT VOLTAGE (V)
TA = +25°C
10
TC04: Output Voltage vs
Reverse Current
10
8
6
4
2
0
0.01
0.1
1
10
100
REVERSE CURRENT (mA)
TC04: Output Voltage Change
vs Reverse Current
TA = +25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
TC04: Forward Voltage vs
Forward Current
TA = +25°C
OUTPUT
INPUT
5.0
0
1.5
1.0
0.5
0
0
200
400
600
TIME (
µsec)
TC04
Response Time
TA = +25°C
10.0
1000
100
1
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
10
TC05: Output Voltage vs
Reverse Current
10
8
6
4
2
0
0.01
0.1
1
10
100
REVERSE CURRENT (mA)
TC05: Output Voltage Change
vs Reverse Current
TA = +25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
TC05: Forward Voltage vs
Forward Current
TA = +25°C
OUTPUT
INPUT
5
0
3
2
1
0
0
200
400
600
TIME (
µsec)
TC05
Response Time
10
TA = +25°C
TA = +25°C
TC04A
TC04B
TC05A
TC05B
LOW POWER, BANDGAP
VOLTAGE REFERENCES


Similar Part No. - TC04ACZM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TC04A-200 SEMTECH-TC04A-200 Datasheet
276Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection?
TC04A-200TD SEMTECH-TC04A-200TD Datasheet
276Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection?
More results

Similar Description - TC04ACZM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com