Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1803IS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1803IS5
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803IS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1803IS5 Datasheet HTML 2Page - Linear Technology LT1803IS5 Datasheet HTML 3Page - Linear Technology LT1803IS5 Datasheet HTML 4Page - Linear Technology LT1803IS5 Datasheet HTML 5Page - Linear Technology LT1803IS5 Datasheet HTML 6Page - Linear Technology LT1803IS5 Datasheet HTML 7Page - Linear Technology LT1803IS5 Datasheet HTML 8Page - Linear Technology LT1803IS5 Datasheet HTML 9Page - Linear Technology LT1803IS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1803/LT1804/LT1805
180345f
ELECTRICAL CHARACTERISTICS TA = 25°C, VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
0.35
2.5
mV
VCM = –5V (DD Package)
1.50
3.5
mV
VCM = –5V (SOT-23 Package)
1.50
6
mV
VCM = 5V
1.50
8
mV
∆VOS
Input Offset Shift
VCM = –5V to 3V
0.3
1
mV
Input Offset Voltage Match
VCM = –5V
0.5
4
mV
(Channel-to-Channel) (Note 9)
VCM = –5V (DD Package)
1
5.5
mV
IB
Input Bias Current
VCM = –4V
125
750
nA
VCM = 5V
2.5
5.5
µA
Input Bias Current Match
VCM = –4V
150
1250
nA
(Channel-to-Channel) (Note 9)
VCM = 5V
150
1500
nA
IOS
Input Offset Current
VCM = –4V
100
1000
nA
VCM = 5V
50
1000
nA
Input Noise Voltage
0.1Hz to 10Hz
4
µVP-P
en
Input Noise Voltage Density
f = 10kHz
21
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
2.5
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
20
55
V/mV
VO = –1.5V to 1.5V, RL = 100Ω
2
5
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
78
96
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = –5V to 3V
72
96
dB
Input Common Mode Range
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS
+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
68
90
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS
+ = 2.5V to 10V, VS– = 0V, VOUT = VS+/2
62
90
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
17
60
mV
ISINK = 5mA
85
150
mV
ISINK = 15mA
200
300
mV
VOH
Output Voltage Swing High (Note 7)
No Load
17
60
mV
ISOURCE = 5mA
125
250
mV
ISOURCE = 15mA
350
600
mV
ISC
Short-Circuit Current (Note 3)
25
50
mA
IS
Supply Current per Amplifier
2.5
3
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz, RL = 1k
83
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V
88
V/
µs
Measured at VO = ±2V
FPBW
Full Power Bandwidth (Note 10)
VO = 8VP-P, AV = –1, RL = 1k
4
MHz
HD
Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 1MHz
–75
dBc
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1, RL = 1k
500
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 150Ω
0.75
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 150Ω
0.8
Deg


Similar Part No. - LT1803IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1803 LINER-LT1803 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1803IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com