Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC2.5T Datasheet(PDF) 5 Page - Altech corporation

Part # CSC2.5T
Description  FEED-THROUGH Spring Clamp Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC2.5T Datasheet(HTML) 5 Page - Altech corporation

  CSC2.5T Datasheet HTML 1Page - Altech corporation CSC2.5T Datasheet HTML 2Page - Altech corporation CSC2.5T Datasheet HTML 3Page - Altech corporation CSC2.5T Datasheet HTML 4Page - Altech corporation CSC2.5T Datasheet HTML 5Page - Altech corporation CSC2.5T Datasheet HTML 6Page - Altech corporation CSC2.5T Datasheet HTML 7Page - Altech corporation CSC2.5T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
DIN Rail
for ordering information
refer to page 62
Marking Tags
(MT Type)
CSCG2.5T
Spring Clamp Ground (Earth)
Terminal Blocks
Altech offers ‘Screwless’ Spring
Clamp Ground Terminal Blocks.
Specially designed alloy feet
helps inachieving very low con-
tact resistance and vibration
proof grounding.
CSCG series terminals can be
mounted on Din 35 rail along
with other terminal blocks of
CSC series. The terminal block
profile matches with that of CSC
terminal block of same wire size.
Special features of CSCG termi-
nal blocks are:
• Vibration proof grounding
• Very low contact resistance
because of special alloy feet
• Drop-on grounding connection
• Spring clamp to accept solid
and stranded wire
5 mm
36 x 58 mm
9 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
22-14 AWG 0.5-2.5 sq.mm 22-14 AWG
800 V
24 A
Cat. No.
Std. Pk.
CSCG2.5T
100
MT5
100
C US
CSCG4T
6 mm
42 x 65 mm
9 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
22-12 AWG
0.5-4 sq.mm
22-12 AWG
800 V
32 A
Cat. No.
Std. Pk.
CSCG4T
100
MT6
100
C US
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
56
*
UL & CSA pending.
*
*
E220514
E220514


Similar Part No. - CSC2.5T

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2001 CDIL-CSC2001 Datasheet
59Kb / 3P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSC2002 CDIL-CSC2002 Datasheet
145Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002K CDIL-CSC2002K Datasheet
145Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002L CDIL-CSC2002L Datasheet
145Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002M CDIL-CSC2002M Datasheet
145Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSC2.5T

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
   Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
   Screw or spring clamp terminals
logo
Weidmuller
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
   Modular feed-through terminals
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
   Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
   Modular feed-through terminals
0241760000 WEIDMULLER-0241760000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
1028400000 WEIDMULLER-1028400000 Datasheet
391Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 6, 2021
1029300000 WEIDMULLER-1029300000 Datasheet
397Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 4, 2021
1706010000 WEIDMULLER-1706010000 Datasheet
99Kb / 4P
   Feed-through terminal, 2.5 mm짼, Tension clamp connection
7904180000 WEIDMULLER-7904180000 Datasheet
501Kb / 13P
   Feed-through terminal, Tension-clamp connection, 4 mm짼
November 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com