Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1030 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1030
Description  LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1030 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1030 Datasheet HTML 1Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-319
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRELIMINARY INFORMATION
TC1030
GENERAL DESCRIPTION
The TC1030 is a quad, low power operational amplifier
designed for low power applications.
It is designed specifically for operation from a single
supply, however, operation from dual supplies is also pos-
sible, and the power supply current drain is independent of
the magnitude of the power supply voltage. Supply current
is 12
µA maximum and the TC1030 operates down to VDD
= 1.8 V.
Packaged in a 14-pin narrow (0.150"W) SOIC or DIP,
the TC1030 is ideal for battery operated applications.
LINEAR BUILDING BLOCK – QUAD LOW POWER OP AMP
Pin configuration
FEATURES
s
Optimized for Single Supply Operation
s
Small, 14-pin SOIC (Narrow) package
s
Ultra Low Input Bias Current ...... Less than 100pA
s
Low Quiescent Current ........................... 12
µA max
s
Operates Down to VDD = 1.8V
APPLICATIONS
s
Power Supply Circuits
s
Embedded Systems
s
Instrumentation
s
Portable Equipment
s
Consumer Products
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1030COD
14-Pin SOIC (Narrow)
0
°C to +70°C
TC1030CPD
14-Pin Plastic DIP
0
°C to +70°C
TC1030CQR
16-Pin QSOP
0
°C to +70°C
TC1030EOD
14-Pin SOIC (Narrow)
– 40
°C to +85°C
TC1030EPD
14-Pin Plastic DIP
– 40
°C to +85°C
TC43EV
Evaluation Kit for Linear
Building Block Family
TC1030-01 10/2/96
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTA
OUTD
OUTB
INA
INB
INA+
INB+
VDD
OUTA
OUTB
INA
INB
INA+
INB+
VDD
OUTC
IND
INC
IND+
INC+
VSS
OUTD
OUTC
IND
INC
IND+
INC+
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14-Pin Plastic DIP
14-Pin SOIC (Narrow)
TC1030CPD
TC1030EPD
TC1030COD
TC1030EOD
OUTA
OUTB
NC
INA
INB
INA+
INB+
VDD
OUTD
OUTC
NC
IND
INC
IND+
INC+
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16-Pin QSOP
TC1030CQR
FUNCTIONAL BLOCK DIAGRAM
OUTA
OUTB
INA
INB
INA+
INB+
VDD
TC1030
+
+
+
+
D
C
B
A
OUTD
OUTC
IND
INC
IND+
INC+
VSS
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC1030

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
TC1030EQR MICROCHIP-TC1030EQR Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
More results

Similar Description - TC1030

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
logo
Microchip Technology
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
   Linear Building Block - Dual Low Power Op Amp
2002
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
   Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
   Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
   Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com