Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1791IN-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT1791IN-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791IN-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1791IN-TR Datasheet HTML 7Page - Linear Technology LT1791IN-TR Datasheet HTML 8Page - Linear Technology LT1791IN-TR Datasheet HTML 9Page - Linear Technology LT1791IN-TR Datasheet HTML 10Page - Linear Technology LT1791IN-TR Datasheet HTML 11Page - Linear Technology LT1791IN-TR Datasheet HTML 12Page - Linear Technology LT1791IN-TR Datasheet HTML 13Page - Linear Technology LT1791IN-TR Datasheet HTML 14Page - Linear Technology LT1791IN-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
11
178491fb
APPLICATIONS INFORMATION
Slew Limiting for EMI Emissions Control
The LT1785/LT1791 feature controlled driver output slew
rates to control high frequency EMI emissions from equip-
ment and data cables. The slew limiting limits data rate
operation to 250kbaud. Slew limiting also mitigates the
adverse affects of imperfect transmission line termina-
tion caused by stubs or mismatched cable. In some low
speed, short distance networks, cable termination may
be eliminated completely with no adverse effect on data
transmission.
Data Network Cable Selection and Termination
Long distance data networks operating at high data trans-
mission rates should use high quality, low attenuation
cable with well-matched cable terminations. Short distance
networks at low data rates may use much less expensive
PVC cable. These cables have characteristic impedances
as low as 72Ω. The LT1785/LT1791 output drivers are
guaranteed to drive cables as low as 72Ω.
Figure 9. Full-Duplex RS422
5
4
3
2
A
B
Z
Y
12
11
10
9
RO
RE
DE
DI
178591 F09
TX
120Ω
5
4
3
2
A
B
Z
Y
12
11
10
9
RO
LT1791
LT1791
RE
DE
DI
RX
TX
120Ω
RX


Similar Part No. - LT1791IN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791IN LINER-LT1791IN Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1791IN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com