Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1791AIN-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LT1791AIN-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791AIN-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1791AIN-TR Datasheet HTML 5Page - Linear Technology LT1791AIN-TR Datasheet HTML 6Page - Linear Technology LT1791AIN-TR Datasheet HTML 7Page - Linear Technology LT1791AIN-TR Datasheet HTML 8Page - Linear Technology LT1791AIN-TR Datasheet HTML 9Page - Linear Technology LT1791AIN-TR Datasheet HTML 10Page - Linear Technology LT1791AIN-TR Datasheet HTML 11Page - Linear Technology LT1791AIN-TR Datasheet HTML 12Page - Linear Technology LT1791AIN-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
9
178491fb
SWITCHING TIME WAVEFORMS
Figure 5. Driver Propagation Delays
DI
5V
1.5V
tPLH
tr
tSKEW
1/2 VO
VO
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
90%
10%
0V
B
A
VO
–VO
0V
90%
1.5V
tPHL
tSKEW
1/2 VO
10%
tf
VDIFF = V(A) – V(B)
1785/91 F05
Figure 6. Driver Enable and Disable Times
1.5V
2.3V
2.3V
tZH(SHDN),tZH
tZL(SHDN),tZL
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0V
DE
5V
VOL
VOH
0V
A, B
A, B
178591 F06
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
Figure 7. Receiver Propagation Delays
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
178591 F07
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns
Figure 8. Receiver Enable and Disable Times
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0V
RE
5V
0V
RO
RO
178591 F08
f = 125kHz, tr ≤ 10ns, tf ≤ 10ns


Similar Part No. - LT1791AIN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791AC LINER-LT1791AC Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACN LINER-LT1791ACN Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACS LINER-LT1791ACS Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1791AIN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com