Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1912EDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1912EDD-PBF
Description  36V, 2A, 500kHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1912EDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1912EDD-PBF Datasheet HTML 5Page - Linear Technology LT1912EDD-PBF Datasheet HTML 6Page - Linear Technology LT1912EDD-PBF Datasheet HTML 7Page - Linear Technology LT1912EDD-PBF Datasheet HTML 8Page - Linear Technology LT1912EDD-PBF Datasheet HTML 9Page - Linear Technology LT1912EDD-PBF Datasheet HTML 10Page - Linear Technology LT1912EDD-PBF Datasheet HTML 11Page - Linear Technology LT1912EDD-PBF Datasheet HTML 12Page - Linear Technology LT1912EDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT1912
9
1912f
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1
=R2
VOUT
0.79V
–1
Reference designators refer to the Block Diagram.
Setting the Switching Frequency
The LT1912 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 500kHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Figure 1.
SWITCHING FREQUENCY (kHz)
RT VALUE (kΩ)
200
300
400
500
187
121
88.7
68.1
Figure 1. Switching Frequency vs. RT Value
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size, minimum dropout voltage, and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
SW MAX
() =
V
D + VOUT
t
ON MIN
() VD + VIN –VSW
()
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the catch diode drop (~0.5V) and VSW is the
internal switch drop (~0.5V at max load). This equation
shows that slower switching frequency is necessary to
safely accommodate high VIN/VOUT ratio. Also, as shown
in the next section, lower frequency allows a lower dropout
voltage. The reason input voltage range depends on the
switching frequency is because the LT1912 switch has finite
minimum on and off times. The switch can turn on for a
minimum of ~150ns and turn off for a minimum of ~150ns.
Typical minimum on time at 25°C is 80ns. This means that
the minimum and maximum duty cycles are:
DC
MIN = fSW tON MIN
()
DC
MAX = 1– fSW tOFF MIN
()
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on time (~150ns), and the tOFF(MIN) is
the minimum switch off time (~150ns). These equations
show that duty cycle range increases when switching
frequency is decreased.
A good choice of switching frequency should allow ad-
equate input voltage range (see next section) and keep
the inductor and capacitor values small.
Input Voltage Range
The maximum input voltage for LT1912 applications
depends on switching frequency, the Absolute Maximum
Ratings of the VIN and BOOST pins, and the operating
mode.
While the output is in start-up, short-circuit, or other
overload conditions, the switching frequency should be
chosen according to the following equation.
V
IN MIN
() =
V
OUT + VD
1– f
SW tOFF MIN
()
–V
D + VSW
where VIN(MAX) is the maximum operating input voltage,
VOUT is the output voltage, VD is the catch diode drop
(~0.5V), VSW is the internal switch drop (~0.5V at max
load), fSW is the switching frequency (set by RT), and
tON(MIN)istheminimumswitchontime(~150ns).Notethat
a higher switching frequency will depress the maximum
operating input voltage. Conversely, a lower switching
frequency will be necessary to achieve safe operation at
high input voltages.
If the output is in regulation and no short-circuit, start-
up, or overload events are expected, then input voltage
transients of up to 36V are acceptable regardless of the
switching frequency. In this mode, the LT1912 may enter
pulse skipping operation where some switching pulses
APPLICATIONS INFORMATION


Similar Part No. - LT1912EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1912EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5031 ANAREN-MSK5031 Datasheet
944Kb / 9P
   36V, 2A, 2.0MHz STEP-DOWN SWITCHING REGULATOR CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
   30V 2A 500KHz Synchronous Step-Down Regulator
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
   18V 2A 500KHz Synchronous Step-Down Regulator
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com