Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS30N15RW220-2M Datasheet(PDF) 2 Page - Altech corporation

Part # AIS30N15RW220-2M
Description  AIS08F1.5AP024-2M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

AIS30N15RW220-2M Datasheet(HTML) 2 Page - Altech corporation

  AIS30N15RW220-2M Datasheet HTML 1Page - Altech corporation AIS30N15RW220-2M Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cuerda
Montaje
Lógica
Alcance
Tensión de
Frecuencia
longitud
Código
del cuerpo
Nominal
Alimentación
del cuerpo
(mm)
(mm)
(mm)
Cuerpo Estandar, 2 hilos, Modelos CA, precableado 2m
AIS12F02AW220-2M
M12
RASANTE
BIPOLAR-NO
2
90-250V CA
10
80
AIS12N04AW220-2M
M12
RASANTE
BIPOLAR-NO
4
90-250V CA
10
80
AIS18F05AW220-2M
M18
RASANTE
BIPOLAR-NO
5
90-250V CA
10
100
AIS18F05RW220-2M
M18
RASANTE
BIPOLAR-NC
5
90-250V CA
10
100
AIS18N08AW220-2M
M18
NO RASANTE
BIPOLAR-NO
8
90-250V CA
10
100
AIS18N08RW220-2M
M18
NO RASANTE
BIPOLAR-NC
8
90-250V CA
10
100
AIS30F10AW220-2M
M30
RASANTE
BIPOLAR-NO
10
90-250V CA
10
100
AIS30F10RW220-2M
M30
RASANTE
BIPOLAR-NC
10
90-250V CA
10
100
AIS30N15AW220-2M
M30
NO RASANTE
BIPOLAR-NO
15
90-250V CA
10
100
AIS30N15RW220-2M
M30
NO RASANTE
BIPOLAR-NC
15
90-250V CA
10
100
Cuerpo Corto, 3 hilos, Modelos CD, precableado 2m
AIK12F02AP024-2M
M12
RASANTE
PNP-NO
2
10-30V CD
1000
43
AIK12F02AN024-2M
M12
RASANTE
NPN-NO
2
10-30V CD
1000
43
AIK12N04AP024-2M
M12
NO RASANTE
PNP-NO
4
10-30V CD
1000
43
AIK12N04AN024-2M
M12
NO RASANTE
NPN-NO
4
10-30V CD
1000
43
AIK18F05AP024-2M
M18
RASANTE
PNP-NO
5
10-30V CD
500
43
AIK18F05AN024-2M
M18
RASANTE
NPN-NO
5
10-30V CD
500
43
AIK18N08AP024-2M
M18
NO RASANTE
PNP-NO
8
10-30V CD
500
43
AIK18N08AN024-2M
M18
NO RASANTE
NPN-NO
8
10-30V CD
500
43
AIK30F10AP024-2M
M30
RASANTE
PNP-NO
10
10-30V CD
300
43
AIK30F10AN024-2M
M30
RASANTE
NPN-NO
10
10-30V CD
300
43
AIK30N15AP024-2M
M30
NO RASANTE
PNP-NO
15
10-30V CD
300
43
AIK30N15AN024-2M
M30
NO RASANTE
NPN-NO
15
10-30V CD
300
Cuerpo Corto, 3 pin, Modelos CD, Conexión M12
AIK12F02AP024-Q65
M12
RASANTE
PNP-NO
2
10-30V CD
1000
52
AIK12F02AN024-Q65
M12
RASANTE
NPN-NO
2
10-30V CD
1000
52
AIK12N04AP024-Q65
M12
NO RASANTE
PNP-NO
4
10-30V CD
1000
52
AIK12N04AN024-Q65
M12
NO RASANTE
NPN-NO
4
10-30V CD
1000
52
AIK18F05AP024-Q65
M18
RASANTE
PNP-NO
5
10-30V CD
500
50
AIK18F05AN024-Q65
M18
RASANTE
NPN-NO
5
10-30V CD
500
50
AIK18N08AP024-Q65
M18
NO RASANTE
PNP-NO
8
10-30V CD
500
50
AIK18N08AN024-Q65
M18
NO RASANTE
NPN-NO
8
10-30V CD
500
50
AIK30F10AP024-Q65
M30
RASANTE
PNP-NO
10
10-30V CD
300
50
AIK30F10AN024-Q65
M30
RASANTE
NPN-NO
10
10-30V CD
300
50
AIK30N15AP024-Q65
M30
NO RASANTE
PNP-NO
15
10-30V CD
300
50
AIK30N15AN024-Q65
M30
NO RASANTE
NPN-NO
15
10-30V CD
300
50
Conectores M12 y Cables con conectores M12
Código
Descripción
KF90C54
Conector codo M12 con 5m Cable PVC
KFDC54
Conector recto M12 con 5m Cable PVC
KF90C53P
Conector codo M12 con 5m Cable PVC y LED PNP
KFDC53P
Conector recto M12 con 5m Cable PVC y LED PNP
KF90C53N
Conector codo M12 con 5m Cable PVC y LED NPN
KFDC53N
Conector recto M12 con 5m Cable PVC y LED NPN
KF90
Conector codo M12 para ser cableado con tornillos
KFD
Conector recto M12 para ser cableado con tornillos
Sensores Cilíndricos, Detección de Proximidad Inductiva
MEXICO
www .altechme xico .com
29
34.6
Ø 7.5
19.7
3(–)
2(NC)
4(NO)
1(+)
1
2
4
3
café
blanco
negro
azul
3
4 Polos
2
4
1
62
41
14.8
Conectores para ser cableado
Conectores con cable
Distribución de los contactos


Similar Part No. - AIS30N15RW220-2M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS326DQTR STMICROELECTRONICS-AIS326DQTR Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
AIS328DQTR STMICROELECTRONICS-AIS328DQTR Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
More results

Similar Description - AIS30N15RW220-2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RYC8220-2M ETC-RYC8220-2M Datasheet
155Kb / 2P
   RYC8220-2M
logo
Carling Technologies
2M1-SP1-T1-B1-M2QE CARLINGTECH-2M1-SP1-T1-B1-M2QE Datasheet
4Mb / 14P
   2M-Series
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
   2M CMI Transceiver
logo
ATGBICS by Approved Tec...
XAOCBL-2M-C ATGBICS-XAOCBL-2M-C Datasheet
397Kb / 6P
   XAOCBL-2M Intel Compatible Active Optical Cable 10G SFP (2m)
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
logo
Leopard Imaging Inc.
LI-DS5-OV9281-ST LEOPARD-LI-DS5-OV9281-ST Datasheet
475Kb / 3P
   2M USB M6 Camera
logo
Sharp Corporation
ID340D01 SHARP-ID340D01 Datasheet
1Mb / 33P
   Flash Miniature Card 2M
logo
List of Unclassifed Man...
GS820E32T ETC1-GS820E32T Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
Leopard Imaging Inc.
LI-OV2640-USB-M6 LEOPARD-LI-OV2640-USB-M6 Datasheet
480Kb / 2P
   2M USB M6 Camera
logo
Everspin Technologies I...
MR5A16A EVERSPIN-MR5A16A Datasheet
1Mb / 18P
   2M x 16 MRAM
Rev v1.0 11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com