Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1054-2.7VCT Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC1054-2.7VCT
Description  50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1054-2.7VCT Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC1054-2.7VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1054-2.7VCT Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TC1055
3
PRELIMINARY INFORMATION
TC1055-01 6/5/97
100mA CMOS LDO WITH SHUTDOWN
AND ERROR OUTPUT
ELECTRICAL CHARACTERISTICS: VIN = VOUT + 1V, IL = 0.1µA, CL = 3.3µF, SHDN > VIH, TA = 25
°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ERROR Open Drain Output
VMIN
Minimum Operating Voltage
1.0
V
VOL
Output Logic Low Voltage
1mA Flows to ERROR
400
mV
VTH
ERROR Threshold Voltage
See Figure 2
0.95 x VR
—V
VHYS
ERROR Positive Hysteresis
Note 8
50
mV
NOTES: 1. VR is the regulator output voltage setting. VR = 2.5V, 2.7V, 3.0V, 3.3V, 5.0V.
2. TC VOUT = (VOUTMAX – VOUTMIN) x 10
6
VOUT x ∆T
3. Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load
range from 0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
4. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value.
5. Ground pin current is the regulator pass transistor gate current. The total current drawn from the input supply is the sum of the load
current, ground current and supply current (i.e. IIN = ISUPPLY + IGND + ILOAD).
6. Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10msec.
7. The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e. TA, TJ, qJA). Exceeding the maximum allowable power dissipation causes the device to
initiate thermal shutdown. Please see
Thermal Considerations section of this data sheet for more details.
8. Hysteresis voltage is referenced by VR.
9. Boldface type specifications apply for junction temperatures of – 40
°C to +125°C.
Pin No.
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3
SHDN
Shutdown control input. The regulator is fully enabled when a logic high is applied to this input.
The regulator enters shutdown when a logic low is applied to this input. During shutdown, output
voltage falls to zero, ERROR is open circuited and supply current is reduced to 0.05 microamp
(typical).
4
ERROR
Out-of-Regulation Flag. (Open drain output). This output goes low when VOUT is out-of-tolerance
by approximately – 5%.
5VOUT
Regulated voltage output.
PIN DESCRIPTION
(SOT-23A-5)
Symbol
Description


Similar Part No. - TC1054-2.7VCT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1054-2.7VCT MICROCHIP-TC1054-2.7VCT Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1054-2.7VCT713 MICROCHIP-TC1054-2.7VCT713 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1054-2.7VCT713 MICROCHIP-TC1054-2.7VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Similar Description - TC1054-2.7VCT

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
logo
TelCom Semiconductor, I...
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com