Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1072 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1072
Description  50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1072 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1072 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC1072
1
PRELIMINARY INFORMATION
TC1072-01
6/16/97
50mA CMOS LDO WITH SHUTDOWN,
ERROR OUTPUT AND VREF BYPASS
TC1072
FEATURES
s
Zero Ground Current for Longer Battery Life!
s
Very Low Dropout Voltage
s
Guaranteed 50mA Output
s
High Output Voltage Accuracy
s
Standard or Custom Output Voltages
s
Power-Saving Shutdown Mode
s
ERROR Ouput can be Used as a Low Battery
Detector, or Processor Reset Generator
s
Bypass Input for Ultra-quiet Operation
s
Over-Current and Over-Temperature Protection
s
Space-Saving SOT-23A-6 Package
s
Pin Compatible Upgrades for Bipolar Regulators
APPLICATIONS
s
Battery Operated Systems
s
Portable Computers
s
Medical Instruments
s
Instrumentation
s
Cellular / GSM / PHS Phones
s
Linear Post-Regulator for SMPS
s
Pagers
GENERAL DESCRIPTION
The TC1072 is a high accuracy (typically
±0.5%) CMOS
upgrade for older (bipolar) low dropout regulators. Designed
specifically for battery-operated systems, the TC1072’s
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TYPICAL APPLICATION
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications ot its devices.
CMOS construction eliminates wasted ground current, sig-
nificantly extending battery life. Total supply current is
typically 50
µA at full load (20 to 60 times lower than in bipolar
regulators!).
TC1072 key features include ultra low noise operation
(plus optional Bypass input); very low dropout voltage (typi-
cally 100mV at full load) and internal feed-forward compen-
sation for fast response to step changes in load. An error
output (ERROR) is asserted when the TC1072 is out-of-
regulation (due to a low input voltage or excessive output
current). ERROR can be used as a low battery warning or as
a processor RESET signal (with the addition of an external
RC network). Supply current is reduced to less than 1
µA,
and both VOUT and ERROR are disabled when the shutdown
input is low. The TC1072 incorporates both over-tempera-
ture and over-current protection.
The TC1072 is stable with an output capacitor of only
1
µF and has a maximum output current of 50mA. For higher
output current versions, please see the TC1107, TC1108
and TC1073 (IOUT = 300mA) data sheets.
1
µF
Shutdown Control
(from Power Control Logic)
TC1072
VIN
1
1M
2
3
4
6
5
VIN
VOUT
ERROR
Bypass
C
BYPASS
470pF
SHDN
GND
VOUT
ERROR
PIN CONFIGURATION
ORDERING INFORMATION
Output
Junction
Part No.
Voltage **(V) Package
Temp. Range
TC1072-2.5VCH
2.5
SOT-23A-6* – 40
°C to +125°C
TC1072-2.7VCH
2.7
SOT-23A-6* – 40
°C to +125°C
TC1072-3.0VCH
3.0
SOT-23A-6* – 40
°C to +125°C
TC1072-3.3VCH
3.3
SOT-23A-6* – 40
°C to +125°C
TC1072-5.0VCH
5.0
SOT-23A-6* – 40
°C to +125°C
NOTE: *SOT-23A-6 is equivalent to the EIAJ (SC-74A)
** Other output voltages available. Please contact TelCom
Semiconductor for details
NOTE: *SOT-23A-6 is equivalent to the EIAJ (SC-74A)
TC1072
(SOT-23A-6*)
TOP VIEW
1
3
5
4
6
2
SHDN
ERROR
GND
VOUT Bypass
VIN


Similar Part No. - TC1072

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1072 MICROCHIP-TC1072 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1072-1.8VCH713 MICROCHIP-TC1072-1.8VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1072-2.5VCH713 MICROCHIP-TC1072-2.5VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1072-2.6VCH713 MICROCHIP-TC1072-2.6VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Similar Description - TC1072

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com